Electronic Components Datasheet Search
  English  ▼

X  

A3C Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # A3C
Description  Pushbutton Switch Series with Cylindrical 20-mm × 12-dia. Body
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3C Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button A3C Datasheet HTML 3Page - Omron Electronics LLC A3C Datasheet HTML 4Page - Omron Electronics LLC A3C Datasheet HTML 5Page - Omron Electronics LLC A3C Datasheet HTML 6Page - Omron Electronics LLC A3C Datasheet HTML 7Page - Omron Electronics LLC A3C Datasheet HTML 8Page - Omron Electronics LLC A3C Datasheet HTML 9Page - Omron Electronics LLC A3C Datasheet HTML 10Page - Omron Electronics LLC A3C Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
A3C
7
Ordering Information
Accessories, Replacements, and Tools
Accessories
Tools
Replacements
Name
Appearance
Classification
Model
Remarks
Socket
Wire-wrap terminal
A3C-4101
Cannot be used with Insulation Cover.
PCB terminal
A3C-4102
Solder terminal
A3C-4103
Insulation Cover
---
A3C-3002
Cannot be used with Socket.
Switch Guard
For rectangular models
A3CJ-5050
Cannot be used with Dust Cover.
For square, round models
A3CA-5050
Dust Cover
For rectangular models
A3CJ-5060
Cannot be used with Switch Guard.
Can be used with Dust Cover attached.
Name
Appearance
Classification
Model
Remarks
Tightening Tool
---
A3C-3004
The tightening torque is 0.20 to 0.39 N·m.
Extractor
---
A3PJ-5080
---
Name
Appearance
Classification
Model
Remarks
Legend Plate
For rectangular models
A3CJ-5201
One Legend Plate (milk-white) is supplied per
standard Switch.
For square models
A3CA-5201
For round models
A3CT-5201
■ Specifications: Refer to page 8. ■ Dimensions: Refer to page 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com