Electronic Components Datasheet Search
  English  ▼

X  

A3C Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # A3C
Description  Pushbutton Switch Series with Cylindrical 20-mm × 12-dia. Body
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3C Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button A3C Datasheet HTML 6Page - Omron Electronics LLC A3C Datasheet HTML 7Page - Omron Electronics LLC A3C Datasheet HTML 8Page - Omron Electronics LLC A3C Datasheet HTML 9Page - Omron Electronics LLC A3C Datasheet HTML 10Page - Omron Electronics LLC A3C Datasheet HTML 11Page - Omron Electronics LLC A3C Datasheet HTML 12Page - Omron Electronics LLC A3C Datasheet HTML 13Page - Omron Electronics LLC A3C Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
A3C
13
Application
Mounting and Replacing the Pushbutton
(1) Mounting Direction for the Pushbutton/Display and Lamp
Lighted Pushbutton Switch
• Insert the Lamp (incandescent lamp or LED lamp) into the
Pushbutton so that the lamp guide fits into the wider gap between
the projections on the Pushbutton.
Indicator
• With Indicators, the Lamp is inserted facing the opposite direction
(i.e., at 180
°) to that for Lighted Pushbutton Switches.
Note: Push the projections on the Lamp into the grooves on the Pushbutton/
Display.
The Lamp for Lighted Pushbutton Switches moves, but the Lamp for
Indicators is fixed.
(2) Mounting Direction for the Pushbutton/Display and Switch
• Insert the Pushbutton/Display into the Switch so that the lamp guide
is aligned with the non-projecting part of the Switch.
• Apply a pressure between 9.8 and 24.5 N.
Note: 1. The mounting direction for Indicators is 180
° to that for Lighted
Pushbutton Switches. Be sure to insert the Legend Plate and other
parts with the correct orientation.
2. If the terminals of the Lamp become bent, it may be impossible to fit
them into the lamp terminal holes. Ensure that the terminals are
straight when they are inserted.
3. Take particular care about the mounting direction with the round
models (A3CT).
(3) Removing the Pushbutton/Display
Hold the recessed portions on the cap of the Pushbutton and pull.
Note: Do not use tools such as pliers to remove the Pushbutton as this may
damage the cap.
Panel Mounting
• Insert the Switch from the front of the panel. Mount the mounting
nut from the terminal end of the Switch and tighten it.
• There are projections on the terminal end of the Switch which may,
depending on the orientation, block the nut. In this case, turn the nut
until it is possible to mount it. Tighten the nut to a torque between
0.20 and 0.39 N·m.
• If soldering is used, mount the mounting nut first. Lead wires and
mounds of solder may make it impossible to mount the nut after
soldering.
Socket Mounting
• After securing the Switch to the panel using the mounting nut, insert
the Socket into the Switch.
• Align the positioning holes of the Socket with the projections of the
Switch before inserting the Socket.
Mounting the Insulation Cover
• After securing the Switch to the panel using the mounting nut, pass
the lead wires through the holes in the Insulation Cover and then
perform wiring. Hold the Insulation Cover so that the cylindrical hole
is facing the Switch, and insert the lead wires from the end with the
barriers.
• After wiring is completed, mount the Insulation Cover by pushing it
into the Switch.
Projections
LED/lamp guide
LED/lamp guide
Groove of the Display
Projection of the LED/lamp
LED/lamp guide
Projection
of the Switch
Recess
Mounting nut
Panel
Panel
Projection
of the Switch
Positioning
hole of the Socket
Insulation Cover attached to Switch
Switch terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com