Electronic Components Datasheet Search
  English  ▼

X  

A3C Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A3C
Description  Pushbutton Switch Series with Cylindrical 20-mm × 12-dia. Body
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3C Datasheet(HTML) 4 Page - Omron Electronics LLC

  A3C Datasheet HTML 1Page - Omron Electronics LLC A3C Datasheet HTML 2Page - Omron Electronics LLC A3C Datasheet HTML 3Page - Omron Electronics LLC A3C Datasheet HTML 4Page - Omron Electronics LLC A3C Datasheet HTML 5Page - Omron Electronics LLC A3C Datasheet HTML 6Page - Omron Electronics LLC A3C Datasheet HTML 7Page - Omron Electronics LLC A3C Datasheet HTML 8Page - Omron Electronics LLC A3C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
A3C
4
Ordering Information
Illumination-only and Colored-illumination LED Models
"Illumination only" describes LED models for which the screen color is the same whether the LED is lit or not.
Example: Red LED
"Colored illumination" describes LED models for which the screen color is white when the LED is not lit and changes to the color of the LED lamp
when the LED is lit.
Example: Red LED
Ordering: With colored-illumination models, order the Pushbutton, Lamp, and Switch as shown in the following table.
Illuminated color
Pushbutton
Lamp (LED)
Switch
Red
IP40
A3C
@-500W
Enter one of the following sym-
bols in
@.
J: Rectangular
A: Square
T: Round
A16-
@DR
Enter one of the
following symbols in
@.
5: 5 VDC
12: 12 VDC
24: 24 VDC
Refer to page 6. Make the se-
lection according to the
shape of the Pushbutton.
Yellow
A16-
@DY
Green
A16-
@DG
Cap (red)
Legend plate (milky white)
Reflective plunger
LED lamp (red) - - - Lamp
Pushbutton
Not lit
Red
Lit
Red
White cap (semi-transparent)
Legend plate (milky white)
Reflective plunger
LED lamp (red) - - - Lamp
Pushbutton
Not lit
White
Lit
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com