Electronic Components Datasheet Search
  English  ▼

X  

A3C Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # A3C
Description  Pushbutton Switch Series with Cylindrical 20-mm × 12-dia. Body
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3C Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button A3C Datasheet HTML 4Page - Omron Electronics LLC A3C Datasheet HTML 5Page - Omron Electronics LLC A3C Datasheet HTML 6Page - Omron Electronics LLC A3C Datasheet HTML 7Page - Omron Electronics LLC A3C Datasheet HTML 8Page - Omron Electronics LLC A3C Datasheet HTML 9Page - Omron Electronics LLC A3C Datasheet HTML 10Page - Omron Electronics LLC A3C Datasheet HTML 11Page - Omron Electronics LLC A3C Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
A3C
8
Approved Standard Ratings
UL (File No. E41515), CSA (File No. LR45258)
Standard Load:
0.5 A at 250 VAC
1 A at 125 VAC
1 A at 30 VDC
Microload:
0.1 A at 125 VAC
0.1 A at 30 VDC
Note: Certification has been obtained for the Switch Unit.
For detailed information on individual products that have received
certification, consult your supplier.
CCC (GB14048.5)
Standard Load:
0.5 A at 250 VAC
Microload:
0.1 A at 250 VAC
Ratings
Note: The above ratings are for testing under the following conditions:
1) Load: Resistive load
2) Mounting conditions: No vibrations or shock
3) Temperature: 20
°C ± 2°C
4) Operation frequency: 20 operations/minute
* The minimum permissible load is 1 mA, 5 VDC.
LED Lamp
Incandescent Lamp
Characteristics
*1. With alternate-operation models, one operation cycle consists of set and
reset operations.
*2. The figure given above for the dielectric strength between lamp terminals is
for when there is no LED lamp or incandescent lamp mounted.
*3. No malfunction for more than 1s.
Operating Characteristics
* Alternate operation models only.
Contact Form
Model
Item
AC resistive load
DC resistive load
Standard load
0.5 A at 250 VAC
1 A at 125 VAC
1 A at 30 VDC
Microload *
0.1 A at 125 VAC
0.1 A at 30 VDC
Rated voltage
Rated current
Operating
voltage
Internal limiting
resistance
5 VDC
30 mA
5 VDC
± 5%
33
Ω
12 VDC
15 mA
12 VDC
± 5%
270
Ω
24 VDC
10 mA
24 VDC
± 5%
1,600
Ω
Rated voltage
Rated current
Operating voltage
6 VAC/DC
60 mA
5 VAC/DC
14 VAC/DC
40 mA
12 VAC/DC
28 VAC/DC
24 mA
24 VAC/DC
Operat-
ing fre-
quency
Mechanical
Momentary-action models: 120 operations/minute max.
Alternate-action models: 60 operations/minute max. *1
Electrical
20 operations/minute max.
Contact
Resis-
tance
Standard load
50m
Ω max.
Microload
100m
Ω max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric
strength
Between terminals
of same polarity
1,000 VAC, 50/60 Hz for 1 min
Between terminals
of different polarity
2,000 VAC, 50/60 Hz for 1 min
Between each
terminal and ground
2,000 VAC, 50/60 Hz for 1 min
Between lamp
terminals
1,000 VAC, 50/60 Hz for 1 min *2
Vibration
resis-
tance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude *3
Shock
resis-
tance
Destruction
500 m/s2
Malfunction
150 m/s2 *3
Durability
Mechanical
Momentary-operation models: 1,000,000 operations min.
Alternate-operation models: 100,000 operations min. *1
Electrical
100,000 operations min.
Weight
Approx. 5 g <The weight indicated here applies
to the lighted models (SPST-NO+SPST-NC).>
Ambient operating temperature
−10°C to +55°C (with no icing or condensation)
Ambient operating humidity
35% to 85%RH
Ambient storage temperature
−25°C to +65°C (with no icing or condensation)
Degree of protection
IP40
Electric shock protection class
Class II
PTI (proof tracking index)
175
Pollution degree
3 (IEC60947-5-1)
Operating force
OF max.
2.45 N {250 gf}
Releasing force
RF min.
0.29 N {30 gf}
Total travel
TT
Approx. 3.5 mm
Lock travel alternate LTA min. *
0.5 mm
Pretravel
PT max.
2.5 mm
Contact name
Contact form
SPDT
NO
NO
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com