Electronic Components Datasheet Search
  English  ▼

X  

DLS360 Datasheet(PDF) 15 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 15 Page - Clarke International

Back Button DLS360 Datasheet HTML 11Page - Clarke International DLS360 Datasheet HTML 12Page - Clarke International DLS360 Datasheet HTML 13Page - Clarke International DLS360 Datasheet HTML 14Page - Clarke International DLS360 Datasheet HTML 15Page - Clarke International DLS360 Datasheet HTML 16Page - Clarke International DLS360 Datasheet HTML 17Page - Clarke International DLS360 Datasheet HTML 18Page - Clarke International DLS360 Datasheet HTML 19Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
15
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
Trigger Safety Switch: The trigger on
the gun has a safety switch to protect
against accidental activation of the
washer. To deactivate the switch, push
the switch down into the trigger.
ALWAYS move the switch back into the
safe up position when not in use or while
being stored.
BEFORE USE
IMPORTANT: The engine is supplied without any oil in it and must be filled
to the correct level before use, see below.
NOTE: All oil levels should be checked when the engine is cold, as you may get a
false reading with a hot engine.
ENGINE OIL RECOMMENDATIONS
SAE 10W-30 oil is recommended for
general use, other viscosities shown in the
chart may be used when the average
temperature in your area is within the
indicated range.
NOTE: Below 40oF (4oC), the use of SAE
30 oil will result in hard starting.
NOTE: Above 80oF (27oC), the use of
10W30 may cause increased oil
consumption.
WARNING: TO CARRY OUT THIS CHECK, PLACE THE POWER
WASHER ON LEVEL GROUND WITH THE ENGINE SWITCHED OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com