Electronic Components Datasheet Search
  English  ▼

X  

DLS360 Datasheet(PDF) 26 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 26 Page - Clarke International

Back Button DLS360 Datasheet HTML 22Page - Clarke International DLS360 Datasheet HTML 23Page - Clarke International DLS360 Datasheet HTML 24Page - Clarke International DLS360 Datasheet HTML 25Page - Clarke International DLS360 Datasheet HTML 26Page - Clarke International DLS360 Datasheet HTML 27Page - Clarke International DLS360 Datasheet HTML 28Page - Clarke International DLS360 Datasheet HTML 29Page - Clarke International DLS360 Datasheet HTML 30Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
26
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MAINTENANCE
CHANGING THE PUMP OIL
Change the pump oil regularly. You should change the oil after the first 50 hours of use
and successively every 200 hours or 3 months, whichever occurs first. In either case
ensure that the oil is changed at least once a year.
1. Unscrew and remove the oil filler cap.
2. Place an oil collection tray (not
supplied) under the drain plug.
3. Unscrew the drain plug, and allow the
used oil to drain from the crankcase
into the oil collection tray.
NOTE: It is best to drain the oil when
the engine is warm, this will
ensure the oil flows out quicker.
4. Replace the drain plug and its ring
seal.
5. With the power washer on a level
surface, fill to the centre of the
sight-glass with the recommended
oil.
6. Replace the oil filler cap.
RECOMMENDED OIL
• See page 15 for more information
on types of oil.
ENVIRONMENTAL PROTECTION
One of the most damaging sources of pollution is oil. DO NOT throw away used oil
with your domestic rubbish or down drains and sinks. Place it in a leak proof container
and take it to you local waste disposal site.
CAUTION: PROLONGED EXPOSURE TO USED OIL IS DANGEROUS,
ALWAYS WASH YOUR HANDS THOROUGHLY AFTER HANDLING USED
OIL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com