Electronic Components Datasheet Search
  English  ▼

X  

CMV8000 Datasheet(PDF) 42 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 42 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 38Page - ams-OSRAM AG CMV8000 Datasheet HTML 39Page - ams-OSRAM AG CMV8000 Datasheet HTML 40Page - ams-OSRAM AG CMV8000 Datasheet HTML 41Page - ams-OSRAM AG CMV8000 Datasheet HTML 42Page - ams-OSRAM AG CMV8000 Datasheet HTML 43Page - ams-OSRAM AG CMV8000 Datasheet HTML 44Page - ams-OSRAM AG CMV8000 Datasheet HTML 45Page - ams-OSRAM AG CMV8000 Datasheet HTML 46Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 41
Figure 44:
Piecewise Linear Registers
Bit Name
Address
Description
exp_length[7:0]
41-43
Set the total exposure time
slopes[1:0]
47
Set the number of slopes
exp_k1[7:0]
48-50
Set the exposure time of kneepoint 1
exp_k2[7:0]
51-53
Set the exposure time of kneepoint 2
vtglow1[6:0]
94
Set the VTGLOW1 voltage
Bit[6] = Enable
Bit[5:0] = Set voltage between 0 V and 1.8 V (linear)
vtglow2[6:0]
95
Set the VTGLOW2 voltage
Bit[6] = Enable
Bit[5:0] = Set voltage between 0 V and 1.8 V (linear)
vtglow3[6:0]
96
Set the VTGLOW3 voltage
Bit[6] = Enable
Bit[5:0] = Set voltage between 0 V and 1.8 V (linear)
Maximum Frame Rate Calculation
The frame rate is determined by two factors.
●
Exposure time
●
Frame time
In case the exposure time is longer than the frame time, the frame rate is entirely determined by the
exposure time and is thus dependent on the user. For the following calculation, we assume that the
exposure time is shorter than the frame time, which means the frame rate is defined by the sensor.
The frame time depends on the following factors:
●
Clock speed
●
ADC mode
●
Number of lines in the frame
●
Multiplexing mode
If any of these parameters change, it will have an impact on the maximum frame rate of the sensor.
For this calculation the following assumptions are made:
●
Clock speed: 300 MHz
●
ADC mode: 10-bit
●
Full resolution frame
●
Multiplexing mode: All 16-LVDS outputs used
First, the frame overhead time is calculated. In this sequence, the sensor samples the signal in the
pixel and presents it to the read-out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com