Electronic Components Datasheet Search
  English  ▼

X  

CMV8000 Datasheet(PDF) 51 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 51 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 47Page - ams-OSRAM AG CMV8000 Datasheet HTML 48Page - ams-OSRAM AG CMV8000 Datasheet HTML 49Page - ams-OSRAM AG CMV8000 Datasheet HTML 50Page - ams-OSRAM AG CMV8000 Datasheet HTML 51Page - ams-OSRAM AG CMV8000 Datasheet HTML 52Page - ams-OSRAM AG CMV8000 Datasheet HTML 53Page - ams-OSRAM AG CMV8000 Datasheet HTML 54Page - ams-OSRAM AG CMV8000 Datasheet HTML 55Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 50
Bit Name
Address
Description
db_dig_gain[4:0]
82
4: 10-bit mode
1: 12-bit mode
lvds[1]
83
1:10-bit mode
0: 12-bit mode
div[4:0]
84
4: 10-bit mode
5: 12-bit mode
v_ramp_res[6:0]
115
70: 10-bit mode
76: 12-bit mode
v_ramp_sig[6:0]
116
70: 10-bit mode
76: 12-bit mode
tune[2:0]
117
0: 10-bit mode
3: 12-bit mode
gate_parallel_clock[0]
123
Set to 1 before adjusting
settings
Attention
Whenever changing bit mode when the sensor is in operation, set register 123[0] to 1 before
adjusting any of the registers above.
7.5.3
Outputs
The sensor has in total 16 LVDS channels that transport pixel data. It is also possible to multiplex the
pixel data to fewer outputs for receiving systems that do not support as many I/Os or for power
sensitive applications.
The number of LVDS data channels can be programmed with the MUX register. Because each row
takes longer to read out in a multiplexed configuration, the ROW_LENGTH register also has to be
adjusted.
Figure 56:
Multiplexing Registers
Bit Name
Address
Description
mux[4:0]
59
1: 16 outputs
3: 8 outputs
7: 4 outputs
13: 2 outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com