Electronic Components Datasheet Search
  English  ▼

X  

CMV8000 Datasheet(PDF) 43 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 43 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 39Page - ams-OSRAM AG CMV8000 Datasheet HTML 40Page - ams-OSRAM AG CMV8000 Datasheet HTML 41Page - ams-OSRAM AG CMV8000 Datasheet HTML 42Page - ams-OSRAM AG CMV8000 Datasheet HTML 43Page - ams-OSRAM AG CMV8000 Datasheet HTML 44Page - ams-OSRAM AG CMV8000 Datasheet HTML 45Page - ams-OSRAM AG CMV8000 Datasheet HTML 46Page - ams-OSRAM AG CMV8000 Datasheet HTML 47Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 42
Equation 5:
������������������ =
#������������������������
2
× ������ × (224 × ������������������_������������������������������������ + 1 + 112 + 2 × 113 ×
32
#������������������������������������������
)
With the above assumptions in mind and with the FOT_LENGTH register set to 50, the frame
overhead time is 196.08 µs.
The rest of the frame time is defined by the read-out sequence:
Equation 6:
������������������������������������������ = ((������������������������_������������������������������������ + 1) ×
#������������������������
2
× ������ ×
32
#������������������������������������������
) × ������������������������������_������������������
When reading out a full resolution image with the recommended settings in 10-bit mode this results in
a read-out time of 9522.13 µs.
The total frame time is now the sum of both the frame overhead time and the read-out time, or
9718 µs. The maximum frame rate is thus 102.9 FPS.
The table below gives a few examples of how the frame rate increases when the frame size is
reduced.
Figure 45:
Typical Frame Rates
Frame Size
Number of Columns
Number of Lines
Max Frame Rate
Full resolution
3584
2528
103
Active rows only
3584
2496
104
Largest 16/9 window
3584
1890
139
Half resolution
3584
1264
202
Largest 21/9 window
3584
1440
177
100 lines
3584
100
1746
Using 12-bit mode changes the ADC conversion time and the frame time, so the above formulas have
to be adjusted. In this case, the FOT is defined by:
Equation 7:
������������������ =
#������������������������
2
× ������ × (224 × ������������������_������������������������������������ + 1 + 112 + 4 × 125 ×
32
#������������������������������������������
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com