Electronic Components Datasheet Search
  English  ▼

X  

DLS200AL Datasheet(PDF) 5 Page - Clarke International

Part # DLS200AL
Description  POWER WASHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS200AL Datasheet(HTML) 5 Page - Clarke International

  DLS200AL Datasheet HTML 1Page - Clarke International DLS200AL Datasheet HTML 2Page - Clarke International DLS200AL Datasheet HTML 3Page - Clarke International DLS200AL Datasheet HTML 4Page - Clarke International DLS200AL Datasheet HTML 5Page - Clarke International DLS200AL Datasheet HTML 6Page - Clarke International DLS200AL Datasheet HTML 7Page - Clarke International DLS200AL Datasheet HTML 8Page - Clarke International DLS200AL Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
5
OPERATION
1. Turn the water supply fully ON at the mains.
2. Refer to the engine handbook, and start the engine. Move the speed lever
to MAX.
3. To set the lance at high
pressure, turn the hand grip
of the lance clockwise (i.e.
screwed 'IN'). Low pressure
is set by screwing the grip
'OUT.
NOTE: Low pressure setting is
used for detergent
spraying.
4. Check that there are no
leaks in the line
connections. Switch off the
engine and make the necessary repairs before restarting the engine and
pressing the trigger of the lance.
5. With the lance set at high pressure, (i.e. screwed 'in'), the pressure may be
regulated by turning the adjuster knob on the unloader valve.
6. The low pressure setting is used for detergent pick-up (see below). ALWAYS
ensure the filter is attached to the end of the pick-up tube, and is
completely submerged in the detergent. It is not necessary to adjust the
pressure at the unloader valve when set to low pressure.
NOTE: If there is difficulty in starting the engine, particularly the diesel
model, get an assistant to fully depress the lance trigger whilst you
try to start. This will relieve any pressure in the pump making it
easier to start.
NOTE: Be aware that the pump delivers a considerable pressure. If the
lance is set to high pressure and the trigger is depressed, you will
experience a kick back. Ensure you are prepared for this, and
hold the lance firmly. DO NOT let children to hold or operate the
lance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com