Electronic Components Datasheet Search
  English  ▼

X  

DLS200AL Datasheet(PDF) 8 Page - Clarke International

Part # DLS200AL
Description  POWER WASHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS200AL Datasheet(HTML) 8 Page - Clarke International

Back Button DLS200AL Datasheet HTML 4Page - Clarke International DLS200AL Datasheet HTML 5Page - Clarke International DLS200AL Datasheet HTML 6Page - Clarke International DLS200AL Datasheet HTML 7Page - Clarke International DLS200AL Datasheet HTML 8Page - Clarke International DLS200AL Datasheet HTML 9Page - Clarke International DLS200AL Datasheet HTML 10Page - Clarke International DLS200AL Datasheet HTML 11Page - Clarke International DLS200AL Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
8
PARTS LIST (PLS200AH & DLS200AL)
No.
Description
Qty
Part No.
No.
Description
Qty
Part No.
1
Engine (200AH) 11HP
1
8000081
17
Washer M8
4
3044582
1
Engine (200AL) 11HP
1
8000818
18
Washer M8
4
3044582
2
Pump
1
AR20001
19
Screw M8
4
3044506
3
Frame
1
8050490
20
Engine Bracket
2
8050700
4
Screw
4
3040526
21
Anti Vibration Mount
4
8950357
5
Washer
4
3040583
22
Nut M8
2
3040611
6
Key
1
3040481
23
Washer M8
2
3044576
7
Screw (200AB)
4
3044508
24
Saddle
2
2100308
Screw (200AH)
4
3044509
25
Feet
2
2100313
Screw (200AL)
4
3044518
26
Screw
2
3044508
8
Washer M8 (200AB)
4
3044576
27
Plastic Insert
2
2000337
Washer M10 (200AH)
4
3044577
28
Screw
2
3044532
Washer M10 (200AL)
4
3044577
29
Washer
2
1301402
9
Washer M8 (200AB)
4
3044576
30
Knob
2
3044531
Washer M10 (200AH)
4
3044577
31
Label (Spec.)
1
8950880
Washer M10 (200AL)
4
3044577
32
Label (POWERWASH)
1
8950885
10
Nut M8 (200AB)
4
3040611
33
Hose
1
AR13004
Nut M10 (200AH)
4
3040612
33A
Dowty Washer
1
AR1540110
Nut M10 (200AL)
4
3040612
34
Lance Handle Assy
1
AW010431806
11
Pressure Gauge
1
AR13003
35
Twin Lance
1
AW004392403
12
Unloader
1
AR13007
36
Nozzle HP
1
AW004180210
13
Hose Connection
1
AR15504
37
Nozzle LP
1
AW004180221
14
Chemical Hose
1
AR15502
38
Wheel 260x20
2
2100280
15
Chemical Filter
1
AR15503
39
Washer
2
3044583
16
Screw M8x12
4
3044506
40
Split Pin
2
3044910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com