Electronic Components Datasheet Search
  English  ▼

X  

DLS200AL Datasheet(PDF) 10 Page - Clarke International

Part # DLS200AL
Description  POWER WASHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS200AL Datasheet(HTML) 10 Page - Clarke International

Back Button DLS200AL Datasheet HTML 6Page - Clarke International DLS200AL Datasheet HTML 7Page - Clarke International DLS200AL Datasheet HTML 8Page - Clarke International DLS200AL Datasheet HTML 9Page - Clarke International DLS200AL Datasheet HTML 10Page - Clarke International DLS200AL Datasheet HTML 11Page - Clarke International DLS200AL Datasheet HTML 12Page - Clarke International DLS200AL Datasheet HTML 13Page - Clarke International DLS200AL Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
10
PARTS LIST (PLS135AH & PLS165AH)
No.
Description
Qty
Part No.
No.
Description
Qty
Part No.
1
Engine (135AH)
1
8000002
15
Chemical Filter (165AH)
1
AR15509
1
Engine (165AH)
1
8000004
16
Anti Vibration Mount
4
8950357
2
Pump (135AH)
1
AR13001
17
Plastic Foot
2
2100302
2
Pump (165AH)
1
AR16001
18
Knob M8x50
2
3044531
3
Frame
1
8050480
19
Washer
2
1301402
4
Screw
4
3040490
20
Screw
2
3044530
5
Washer
4
3044576
21
Plastic Insert
2
8881015
6
Key
1
3040483
22
Wheel
2
2100280
7
Screw (130AB)
4
3044504
23
Washer (135AH)
2
3044573
7
Screw (130AH)
4
3044503
23
Washer (165AH)
2
3044583
7
Screw (165AH)
4
3044503
24
Split Pin
2
3044910
8
Washer
4
3044582
25
Label (Spec.)
1
8950880
9
Washer
4
3044582
26
Label (POWERWASH)
1
8950885
10
Nut
4
3044506
27
Hose
1
AR13004
11
Pressure Gauge
1
AR13009
27A
Dowty Washer
1
AR1540110
12
Unloader (135AH)
1
AR13005
28
Lance Handle Assy
1
AW010431806
12
Unloader (165AH)
1
AR13006
29
Twin Lance
1
AW004392403
13
Hose Connection
1
AR15504
30
Nozzle HP (135AH)
1
AW004280210
14
Chemical Hose
1
AR15502
30
Nozzle HP (165AH)
1
AW004180210
15
Chemical Filter
(135AH)
1
AR15503
31
Nozzle LP
1
AW004180221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com