Electronic Components Datasheet Search
  English  ▼

X  

DLS200AL Datasheet(PDF) 12 Page - Clarke International

Part # DLS200AL
Description  POWER WASHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS200AL Datasheet(HTML) 12 Page - Clarke International

Back Button DLS200AL Datasheet HTML 8Page - Clarke International DLS200AL Datasheet HTML 9Page - Clarke International DLS200AL Datasheet HTML 10Page - Clarke International DLS200AL Datasheet HTML 11Page - Clarke International DLS200AL Datasheet HTML 12Page - Clarke International DLS200AL Datasheet HTML 13Page - Clarke International DLS200AL Datasheet HTML 14Page - Clarke International DLS200AL Datasheet HTML 15Page - Clarke International DLS200AL Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
12
SPECIFICATIONS
PLS135AH
PLS165AH
PLS200AH
DLS200AL
Engine Type
Honda
Honda
Honda
Honda
Engine Rating
5.5 HP
6.5 HP
11 HP
8.5 HP
Engine Speed
3400 RPM
3400 RPM
3400 RPM
3400 RPM
Max. Pressure
120 Bar
150 Bar
200 Bar
200 Bar
Max. Water flow
11 lpm
11 lpm
15 lpm
15 lpm
Max. Water temperature
500C500C500C500C
Pump Oil Type
SAE20W/40
SAE20W/40
SAE20W/40
SAE20W/40
Measured Sound Power
107 dB
107 dB
101 dB
107 dB
Guaranteed Sound Power
110 dB
110 dB
104 dB
109 dB
Vibration
< 2.5 m/s²
< 2.5 m/s²
< 2.5 m/s²
< 2.5 m/s²
Tyre Pressure
30 PSI
30 PSI
30 PSI
30 PSI
Part No.
7330260
7330280
7330300
7330320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com