Electronic Components Datasheet Search
  English  ▼

X  

TPW4066 Datasheet(PDF) 8 Page - 3PEAK INC.

Part # TPW4066
Description  12-V, Quad SPST Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPW4066 Datasheet(HTML) 8 Page - 3PEAK INC.

Back Button TPW4066 Datasheet HTML 4Page - 3PEAK INC. TPW4066 Datasheet HTML 5Page - 3PEAK INC. TPW4066 Datasheet HTML 6Page - 3PEAK INC. TPW4066 Datasheet HTML 7Page - 3PEAK INC. TPW4066 Datasheet HTML 8Page - 3PEAK INC. TPW4066 Datasheet HTML 9Page - 3PEAK INC. TPW4066 Datasheet HTML 10Page - 3PEAK INC. TPW4066 Datasheet HTML 11Page - 3PEAK INC. TPW4066 Datasheet HTML 12Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Symbol
Parameter
Conditions
VCC (V)
25°C
−40°C
to
85°C
−40°C
to
125°C
Limit
Unit
Capacitance
CIN
Switch Input Capacitance
5
5
Typ
pF
CCOM
Common Output
Capacitance
5
12
Typ
pF
CPD
Power Dissipation
Capacitance
5
50
Typ
pF
TPW4066
12-V, Quad SPST Analog Switch
www.3peak.com
8 / 20
CA20241203A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com