Electronic Components Datasheet Search
  English  ▼

X  

TPW4066 Datasheet(PDF) 1 Page - 3PEAK INC.

Part # TPW4066
Description  12-V, Quad SPST Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPW4066 Datasheet(HTML) 1 Page - 3PEAK INC.

  TPW4066 Datasheet HTML 1Page - 3PEAK INC. TPW4066 Datasheet HTML 2Page - 3PEAK INC. TPW4066 Datasheet HTML 3Page - 3PEAK INC. TPW4066 Datasheet HTML 4Page - 3PEAK INC. TPW4066 Datasheet HTML 5Page - 3PEAK INC. TPW4066 Datasheet HTML 6Page - 3PEAK INC. TPW4066 Datasheet HTML 7Page - 3PEAK INC. TPW4066 Datasheet HTML 8Page - 3PEAK INC. TPW4066 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
• Analog Switch Voltage: 3.3 V, 5 V, 10 V
• Low On-State Resistance:
– Typical 50 Ω at VS = 9 V
– Typical 60 Ω at VS = 4.5 V
– Typical 300 Ω at VS = 3 V
• Bandwidth: 200 MHz
• Fast Switching Times: tON = 60 ns, tOFF = 50 ns
• Break-Before-Make Switching
• Operation Temperature Range: –40°C to 125°C
Applications
• Industry Control Systems
• Battery-Powered Systems
• Audio Signal Routing
• Instrumentation
Description
The TPW4066 is a four-channel single-pole single-throw
(SPST) analog switch that is suitable for use in analog
or digital multiplexer/demultiplexer applications. The switch
features four digital select inputs (S1, S2, S3, and S4), to
control four independent switches.
The device is designed on an enhanced process that
provides lower power dissipation and high switching
speed. The device operates equally well as either
multiplexers or de-multiplexers and has an input range that
extends to the supplies.
TPW4066
12-V, Quad SPST Analog Switch
www.3peak.com
1 / 20
CA20241203A1


Similar Part No. - TPW4066

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPW4051 3PEAK-TPW4051 Datasheet
1,003Kb / 15P
12V General Purpose Analog Switch
Rev.0.03
TPW4052 3PEAK-TPW4052 Datasheet
1,003Kb / 15P
12V General Purpose Analog Switch
Rev.0.03
TPW4053 3PEAK-TPW4053 Datasheet
1,003Kb / 15P
12V General Purpose Analog Switch
Rev.0.03
More results

Similar Description - TPW4066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
Quad SPST JFET Analog Switch
REV.A
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
Quad, SPST Analog Switch
Rev 0; 4/98
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
Quad, SPST Analog Switch
Rev 3; 6/07
logo
Holt Integrated Circuit...
HI-8190 HOLTIC-HI-8190 Datasheet
79Kb / 9P
12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
SW201 AD-SW201 Datasheet
413Kb / 6P
QUAD SPST JFET ANALOG SWITCH
23-Feb-2017
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com