Electronic Components Datasheet Search
  English  ▼

X  

TPW4066 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TPW4066
Description  12-V, Quad SPST Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPW4066 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TPW4066 Datasheet HTML 5Page - 3PEAK INC. TPW4066 Datasheet HTML 6Page - 3PEAK INC. TPW4066 Datasheet HTML 7Page - 3PEAK INC. TPW4066 Datasheet HTML 8Page - 3PEAK INC. TPW4066 Datasheet HTML 9Page - 3PEAK INC. TPW4066 Datasheet HTML 10Page - 3PEAK INC. TPW4066 Datasheet HTML 11Page - 3PEAK INC. TPW4066 Datasheet HTML 12Page - 3PEAK INC. TPW4066 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Electrical Characteristics (Continued)
All test conditions: single supply, VCC = 3 V to 3.6 V, GND = 0 V, unless otherwise noted.
Symbol
Parameter
Conditions
VCC (V)
25°C
−40°C
to
85°C
−40°C
to
125°C
Limit
Unit
Power Supply
ICC
Quiescent Supply Current
VIN = 0 V or VCC
3.6
4
6
8
Max
μA
Digital Input
VIH
Input Voltage High
2
2
Min
V
VIL
Input Voltage Low
0.8
0.8
Max
V
IIN
Control Input Leakage
VIN = 0 V or VCC
3.6
±1
±1
Max
μA
Analog Switch
RON
IOUT = 1 mA,
VIS = GND or VCC
3
300
Typ
Ω
RFLAT(ON) On Resistance Flatness
IOUT = 1 mA
3
100
Typ
Ω
ICH(OFF)
Switch OFF Leakage
Current on Channel
VIS = GND, VOS = VCC;
or VIS = VCC, VOS = GND
3.6
±0.4
±1
±1
Max
μA
ICOM(OFF)
Switch OFF Leakage
Current on Common
VIS = GND, VOS = VCC;
or VIS = VCC, VOS = GND
3.6
±0.4
±2
±2
Max
μA
I(ON)
Switch ON Leakage Current VIS = GND or VCC
3.6
±0.4
±2
±2
Max
μA
Dynamic Characteristics
tPHL, tPLH Switch IN to OUT Time
CL = 50 pF
3
5
Typ
ns
tON
Switch Turn-on Time
CL = 50 pF
3
70
Max
ns
tOFF
Switch Turn-off Time
CL = 50 pF
3
60
Max
ns
OFF-Isolation
f = 1 MHz, RL = 50 Ω,
CL = 10 pF
3.3
−70
Typ
dB
Crosstalk
f = 1 MHz, RL = 50 Ω,
CL = 10 pF
3.3
−70
Typ
dB
Crosstalk in Control
Between control and any
switch; RL = 600 Ω; f = 1
MHz; E or Sn square wave
between VCC and GND
3.3
110
Typ
mV
BW
Bandwidth
RL = 50 Ω
3.3
100
Typ
MHz
THD
Total Harmonic Distortion
RL = 10 kΩ, f = 1 kHz
3.3
0.2
Typ
%
Capacitance
CIN
Switch Input Capacitance
3.3
5
Typ
pF
CCOM
Common Output
Capacitance
3.3
12
Typ
pF
TPW4066
12-V, Quad SPST Analog Switch
www.3peak.com
9 / 20
CA20241203A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com