Electronic Components Datasheet Search
  English  ▼

X  

TPW4066 Datasheet(PDF) 5 Page - 3PEAK INC.

Part # TPW4066
Description  12-V, Quad SPST Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPW4066 Datasheet(HTML) 5 Page - 3PEAK INC.

  TPW4066 Datasheet HTML 1Page - 3PEAK INC. TPW4066 Datasheet HTML 2Page - 3PEAK INC. TPW4066 Datasheet HTML 3Page - 3PEAK INC. TPW4066 Datasheet HTML 4Page - 3PEAK INC. TPW4066 Datasheet HTML 5Page - 3PEAK INC. TPW4066 Datasheet HTML 6Page - 3PEAK INC. TPW4066 Datasheet HTML 7Page - 3PEAK INC. TPW4066 Datasheet HTML 8Page - 3PEAK INC. TPW4066 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Specifications
Absolute Maximum Ratings (1)
Parameter
Min
Max
Unit
Supply Voltage, VCC − GND
−0.5
13
V
Analog Switch Voltage
−0.5
VCC + 0.5
V
Analog Switch Current
−25
25
mA
Analog Switch Diode Current
−20
20
mA
Digital Input Voltage, E, S2, S1, S0
GND
VCC + 0.5
V
Digital Input Diode Current
−20
20
mA
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
−65
150
°C
TL
Lead Temperature (Soldering, 10 sec)
260
°C
(1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure
to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
ESD, Electrostatic Discharge Protection
Symbol
Parameter
Condition
Minimum Level
Unit
HBM
Human Body Model ESD
ANSI/ESDA/JEDEC JS-001 (1)
1
kV
CDM
Charged Device Model ESD
ANSI/ESDA/JEDEC JS-002 (2)
1
kV
(1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Recommended Operating Conditions (1)
All test conditions: over operating temperature range, unless otherwise noted.
Parameter
Min
Max
Unit
Supply Voltage, VCC
3
12
V
Select Input Voltage
0
VCC
V
Input Transition Rise and Fall Rate
100
ns/V
Switch I/O Port Voltage
GND
VCC
V
TA
Operating Temperature Range
–40
125
°C
(1) The select input must be held High or Low and must not float.
Thermal Information
Package Type
θJA
θJC
Unit
SOP16
100
50
°C/W
TPW4066
12-V, Quad SPST Analog Switch
www.3peak.com
5 / 20
CA20241203A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com