Electronic Components Datasheet Search
  English  ▼

X  

TMC428 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TMC428
Description  Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC428 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TMC428 Datasheet HTML 9Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 10Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 11Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 12Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 13Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 14Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 15Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 16Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
TMC428 DATASHEET (v. 2.02 / April 26
th, 2006)
13
Copyright © 2004-2006, TRINAMIC Motion Control GmbH & Co. KG
6.5 Simple Datagram Examples
The % prefix– normally indicating binary representation in this data sheet –is omitted for the following
datagram examples. Assuming, one would like to write (RW=0) to a register (RRS=0) at the address
%001101 the following data word %0000 0000 0000 0001 0010 0011, one would have to send the
following 32 bit datagram
01100110000000000000000100100011
to the TMC428. With inactive interrupt (INT=0), no cover datagram waiting (CDGW=0), all reference
switches inactive (RS3=0, RS2=0, RS1=0), and all stepper motors at target position (xEQt3=1,
xEQt2=1, xEQt1=1) the status bits would be %10010101 the TMC428 would send back the 32 bit
datagram:
10010101000000000000000000000000
To read (RW=1) back the register written before, one would have to send the 32 bit datagram
01100111000000000000000000000000
to the TMC428 and would get back from it the datagram
10010101000000000000000100100011.
Write (RW=0) access to on-chip RAM (RRS=1) to an address %111111 occurs similar to register
access, but with RRS=1. To write two 6 bit data words %100001 and %100011 to successive pair-wise
RAM addresses %1111110 and %1111111 (%100001 to %1111110 and %100011 to %1111111)
which are commonly addressed by one datagram (see pages 14 and 35), one would have to send the
datagram
11111110000000000010001100100001.
To read (rw=1) from that on-chip memory address, one would have to send the datagram
11111111000000000000000000000000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com