Electronic Components Datasheet Search
  English  ▼

X  

TMC428 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TMC428
Description  Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC428 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TMC428 Datasheet HTML 17Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 18Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 19Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 20Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 21Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 22Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 23Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 24Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
TMC428 DATASHEET (v. 2.02 / April 26
th, 2006)
21
Copyright © 2004-2006, TRINAMIC Motion Control GmbH & Co. KG
divider ratio T = 2
ramp_div / 2pulse_div = 2ramp_div - pulse_div = 2^(ramp_div-pulse_div). During acceleration, the
velocity has to be increased until the velocity limit v_max is reached or deceleration is required to
reach the target position exactly (see Figure 8-1). The TMC428 automatically decelerates, if required
using the difference between current position and target position and the proportionality parameter p,
which has to be p = 2048 / S. With this, one gets p = 2048 / ( ( ½ * 2048* 256 / a_max ) *
2^(ramp_div-pulse_div) ). This expression can be simplified to
p = a_max / ( 128 * 2^( ramp_div-pulse_div ) ).
To avoid overshooting, the parameter p_mul should be made approximately 5% smaller than
calculated. Alternatively, one can arrange p reduced by an amount of 5%. If the proportionality
parameter p is too small, the target position will be reached slower, because the slow down ramp starts
earlier. The target position is approached with minimal velocity v_min, whenever the internally
calculated target velocity becomes less than v_min. With a good parameter p the minimal velocity
v_min is reached a couple of steps before the target position. With parameter p set a little bit to large
and small v_min overshooting of one step respectively one micro step may occur. Decrementation of
the parameter pmul avoids such one-step overshooting.
Note: Changing at least one parameter out of the triple {a_max, ramp_div, pulse_div} requires re-
calculation of the parameter pair {pmul, pdiv} to update the associated register if necessary.
∆∆∆∆v
v_max
v(t)
v_min
p too
small
p
too
lar
ge
t
1
t
0
t
2
Figure 8-3: Proportionality parameter p and outline of velocity profile(s)
On first approach, to represent the parameter p = p_mul / p_div = (128+pmul) / 2^(3+pdiv) one
chooses a pair of pmul and pdiv that approximates p, with pmul in range 0 ... 127 representing p_mul
in range 128 ... 255 and pdiv one out of {0, 1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 13} representing p_div
one out of {8, 16 , 32 ,64, 128 , 256, 512, 1024, 2048, 4096, 8192, 16384, 32786, 65536}. There are
only 128 * 14 = 1792 pairs of (pmul, pdiv). So, one can simply try all possible pairs (pmul, pdiv) with a
program and choose a matching pair. To find a pair, one calculates
p = a_max / ( 128 * 2^( ramp_div-pulse_div ) )
and
p’ = p_mul / p_div = (128+pmul) / 2^(3+pdiv)
and
q = p’ / p
for each pair (pmul , pdiv) and select one of the pairs satisfying the condition 0.95 < q < 1.0. So, the
value q interpreted as a function q(a_max, ramp_div, pulse_div, pmul, pdiv) gives the quality
criterion required. Although q = 1.0 indicates that (pmul , pdiv) perfectly represents the desired p for a
given a_max, this could cause overshooting because of finite numerical precision. In case of high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com