Electronic Components Datasheet Search
  English  ▼

X  

TMC428 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # TMC428
Description  Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC428 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button TMC428 Datasheet HTML 41Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 42Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 43Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 44Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 45Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 46Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 47Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 48Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
TMC428 DATASHEET (v. 2.02 / April 26
th, 2006)
45
Copyright © 2004-2006, TRINAMIC Motion Control GmbH & Co. KG
14 Package Outlines and Dimensions
14.1 Shrink Small Outline Package with 16 Pins (SSOP16, 150 MIL ) of TMC428-
I and TMC428-A
H
E
h x 45°
1
2
3
16
8
9
e
D
A
A
1
h x 45°
α
A
2
L
WITH PLATING
b
1
c
1
c
b
BASE METAL
TOP VIEW
SIDE VIEW
C
B
4
5
6
7
15
14
13
12
11
10
END VIEW
LEAD (SIDE VIEW)
N=16
S
Figure 14-1: Package Outline Drawing SSOP16, 150 MILS
Dimensions in MILLIMETERS
Dimensions in INCHES
Symbol
Min
Typ
Max
Min
Typ
Max
A
1.55
1.63
1.73
0.061
0.064
0.068
A1
0.10
0.15
0.25
0.004
0.006
0.0098
A2
1.40
1.47
1.55
0.055
0.058
0.061
b
0.20
0.30
0.008
0.012
b
1111
0.20
0.25
0.28
0.008
0.010
0.011
c
0.18
0.25
0.007
0.010
c
1111
0.18
0.20
0.23
0.007
0.008
0.009
B
0.20
0.25
0.31
0.008
0.010
0.012
C
0.19
0.20
0.25
0.0075
0.008
0.0098
D
4.80
4.93
4.98
0.189
0.194
0.196
E
3.91 BSC
0.154 BSC
e
0.635 BSC
0.025 BSC
H
6.02 BSC
0.237 BSC
h
0.25
0.33
0.41
0.010
0.013
0.016
L
0.41
0.635
0.89
0.016
0.025
0.035
N
16
16
S
0.051
0.114
0.178
0.0020
0.0045
0.0070
α
αα
α
0
°
5
°
8
°
0
°
5
°
8
°
Table 14-1: Dimensions of Package SSOP16, 150 MILS (Note: BSC
≈≈≈≈ Best Case)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com