Electronic Components Datasheet Search
  English  ▼

X  

TMC428 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # TMC428
Description  Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC428 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button TMC428 Datasheet HTML 23Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 24Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 25Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 26Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 27Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 28Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 29Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 30Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
TMC428 DATASHEET (v. 2.02 / April 26
th, 2006)
27
Copyright © 2004-2006, TRINAMIC Motion Control GmbH & Co. KG
8.15 dx_ref_tolerance (IDX=%1101)
The switches processed via the inputs REF1, REF2, REF3 can be used as stop switches for automatic
motion limiting and as reference switches defining a reference position for the stepper motor. To allow
the motor to drive near the reference point, it is possible to exclude a motion range of steps from the
stop switch function. The parameter dx_ref_tolerance disables automatic stopping by a switch around
the origin (see Figure 8-4, page 23). To use the dx_ref_tolerance fare from the origin, the actual
position has to be suitable adapted, e.g. to use it for a left side reference switch. Additionally, the
parameter dx_ref_tolerance affects interrupt conditions as described before (section 8.13, page 24).
8.16 x_latched (IDX=%1110)
This read-only register stores the actual position read from the register x_actual if the reference switch
becomes active. The reference switch is defined by the bit REF_RnL of the configuration register lp &
ref_conf & ramp_mode. Writing a dummy value to the (read-only) register x_latched initializes the
position storage mechanism. Then the actual position is saved with the next rising edge signal of the
reference switch depending on the actual motion direction of the stepper motor. The actual position is
latched if the switch defined as the reference switch by the REF_RnL bit (see Table 8-4: Reference
switch configuration bits (ref_conf), page 23). The status bit lp signals, if latching of a position is
pending. An event at the reference switch associated to the actual motion direction takes effect only
during motion (when v_actual
≠ 0).
8.17 Unused Address (IDX=%1111)
This register address (idx=%1111) within each stepper motor register block {smda=%00, %01, %10} is
unused. Writing to this register has no effect. However, access should be avoided, because this
address space may be used for future devices. Reading this register gives back the actual status bits
and 24 data bits set to ‘0’.
9 Global Parameter Registers
The registers addressed by RRS=0 with SMDA=%11 are global parameter registers. To emphasize
this difference, the JDX is used as index name instead of IDX.
9.1 datagram_low_word (JDX=%0000) & datagram_high_word (JDX=%0001)
The TMC428 stores datagrams sent back from the stepper motor driver chain with a total length of up
to 48 bits. The register datagram_low_word holds the lower 24 bits of this 48 bits and the register
datagram_high_word holds the higher 24 bits of the 48 bits. These registers together form a 48 bit
shift register, where the data from pin SDI_S are shifted left into it with each datagram bit sent to the
stepper motor driver chain via the signal SDO_S. A write to one of these read-only registers initializes
them, to update their contents with the next datagram received from the drivers chain.
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
last TMC246 driver of the chain (stepper motor #1)
LD2
LD1
LD0
1
OT
OTPW
UV
OCHS
OLB
OLA
OCB
OCA
datagram_high_word
datagram_low_word
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
first TMC246 driver of the chain (stepper motor # 3)
second TMC246 driver of the chain (stepper motor # 2)
LD2
LD1
LD0
1
OT
OTPW
UV
OCHS
OLB
OLA
OCB
OCA
LD2
LD1
LD0
1
OT
OTPW
UV
OCHS
OLB
OLA
OCB
OCA
SDI_S
Figure 9-1: Example of status bit mapping for a chain of three TMC246 or TMC249



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com