Electronic Components Datasheet Search
  English  ▼

X  

PAPR1 Datasheet(PDF) 10 Page - Clarke International

Part # PAPR1
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR1 Datasheet(HTML) 10 Page - Clarke International

Back Button PAPR1 Datasheet HTML 6Page - Clarke International PAPR1 Datasheet HTML 7Page - Clarke International PAPR1 Datasheet HTML 8Page - Clarke International PAPR1 Datasheet HTML 9Page - Clarke International PAPR1 Datasheet HTML 10Page - Clarke International PAPR1 Datasheet HTML 11Page - Clarke International PAPR1 Datasheet HTML 12Page - Clarke International PAPR1 Datasheet HTML 13Page - Clarke International PAPR1 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATING THE CONTROLS
1. Low Speed Indicator
2. High Speed Indicator
3. Danger Indicator
4. Battery Level Indicator
5. Power On/Off Button
6. Low/High, SELECT Button
To start, press the On button for 1 second until the blower starts.
• The Danger, Low Speed, High Speed Indicator lights come on, then
go out, the alarm sounds and the blower vibrates momentarily.
The blower always starts at the low speed. Press the SELECT button on the filter
casing to switch between Low and High Speeds.
To Stop: Press Off button 1 seconds until the audible alarm and blower stop.
The Danger indicator light comes on, the alarm sounds and the blower
vibrates if battery power is low or air flow is reduced due to a dirty filter,
blocked breathing hose or other fault.
The Battery Level indicator light shows the power remaining in the battery.
• Green light: - battery level > 90%
• Yellow light: - 30% battery level < 90%
• Red light: -10% battery level < 30%
• Red light flash: - battery level < l0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com