Electronic Components Datasheet Search
  English  ▼

X  

PAPR1 Datasheet(PDF) 17 Page - Clarke International

Part # PAPR1
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR1 Datasheet(HTML) 17 Page - Clarke International

Back Button PAPR1 Datasheet HTML 13Page - Clarke International PAPR1 Datasheet HTML 14Page - Clarke International PAPR1 Datasheet HTML 15Page - Clarke International PAPR1 Datasheet HTML 16Page - Clarke International PAPR1 Datasheet HTML 17Page - Clarke International PAPR1 Datasheet HTML 18Page - Clarke International PAPR1 Datasheet HTML 19Page - Clarke International PAPR1 Datasheet HTML 20Page - Clarke International PAPR1 Datasheet HTML 21Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SENSITIVITY CONTROL
The sensitivity can be set from LOW to HIGH using the dial knob. The LOW
setting suits excess ambient light or with another welding machine close by.
The HIGH setting suits low amperage welding and welding in areas with low
light conditions, especially low amperage argon arc welding. Selections
between LOW and HIGH are suitable for most of indoor and outdoor welding.
DELAY CONTROL
When welding ceases, the viewing window automatically changes from dark
back to light but with a pre-set delay to compensate. The delay time can be
set from MIN (0.1 sec) to MAX (1.0 sec) using the dial knob. The minimum delay
suits spot or short welds. The maximum delay suits heavy current welding and
reduces eye fatigue from the arc. Selections between MIN and MAX are
suitable for most indoor and outdoor welding operations.
SELECT THE GRINDING SETTING
The headshield has a ‘Grinding’ setting on the selector panel. When set to
‘Grind’ the auto darkening function is disabled. The headshield then provides
eye and face protection for sparks and airborne particles created during
grinding activities. DO NOT WELD WITH “GRIND” SELECTED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com