Electronic Components Datasheet Search
  English  ▼

X  

PAPR1 Datasheet(PDF) 14 Page - Clarke International

Part # PAPR1
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR1 Datasheet(HTML) 14 Page - Clarke International

Back Button PAPR1 Datasheet HTML 10Page - Clarke International PAPR1 Datasheet HTML 11Page - Clarke International PAPR1 Datasheet HTML 12Page - Clarke International PAPR1 Datasheet HTML 13Page - Clarke International PAPR1 Datasheet HTML 14Page - Clarke International PAPR1 Datasheet HTML 15Page - Clarke International PAPR1 Datasheet HTML 16Page - Clarke International PAPR1 Datasheet HTML 17Page - Clarke International PAPR1 Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SECTION 4 - PREPARATION & USE
USING THE HELMET
1. Remove the protective film from the lens cartridge.
• The lens will be set to Light DIN 4 state, & you will be able to see the
workpiece. The lens will automatically darken when an arc is struck.
2. Test the lens by striking an arc on the workpiece for the first time. Check
also that the outer screen and lens are clean and clear at all times.
3. Change the settings as required using the controls described previously.
Refer to the Shade Guide Table on page 17.
HEADGEAR ADJUSTMENT
1. Adjust the headband diameter with
the twist knob on the back. The knob
is locked until pushed in. Once
unlocked, twist clockwise to tighten
and counterclockwise to loosen.
2. Adjust the height and snap the pin
into the hole to lock securely in place.
3. To adjust the viewing angle, loosen
the knob on both sides of the helmet
and change the angle locker to the
desired tilt position (positioned in the
middle by default). Once the desire
angle is set, tighten the knobs until
snug. The helmet should still swing up,
but it should not drift downward when
in place for welding.
4. To adjust the distance between the
user's face and ADF, loosen the knobs
on both sides of the helmet until the
headband can move back and forth freely, reposition the headband at
one of the 3 slots as desired (The headband is positioned in the middle by
default). This should be done one side at a time and both sides should be
located at the same position for correct auto-darkening filter operation.
WARNING: IT IS ESSENTIAL THAT AFTER USING THE HEADSHIELD IN
GRINDING MODE, IT SHOULD BE RETURNED TO THE CORRECT SETTING
BEFORE WELDING. FAILURE TO DO THIS COULD LEAD TO EYE INJURY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com