Electronic Components Datasheet Search
  English  ▼

X  

PAPR1 Datasheet(PDF) 19 Page - Clarke International

Part # PAPR1
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR1 Datasheet(HTML) 19 Page - Clarke International

Back Button PAPR1 Datasheet HTML 15Page - Clarke International PAPR1 Datasheet HTML 16Page - Clarke International PAPR1 Datasheet HTML 17Page - Clarke International PAPR1 Datasheet HTML 18Page - Clarke International PAPR1 Datasheet HTML 19Page - Clarke International PAPR1 Datasheet HTML 20Page - Clarke International PAPR1 Datasheet HTML 21Page - Clarke International PAPR1 Datasheet HTML 22Page - Clarke International PAPR1 Datasheet HTML 23Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
RESPIRATOR CARE & MAINTENANCE
The respirator must be used together with the correct particle filter at all times.
The particle filter can not be cleaned. DO NOT attempt to remove
contamination using for example, compressed air, as this will destroy the filters,
which will not give the expected protection and the warranty will be
invalidated.
DO NOT store outside the temperature range -5oC to +55oC or in relative
humidity greater than 90%. The filter must be kept clean from dust and large
particles.
NOTE: Markings
The particle filters are marked according to EN12941:1998+Al:2003+A2:2008,
EU2016/425.
TH3P RSL: Class TH3, protection against Particulate, SL = particles of liquid or
solid material in aerosol form.
FILTER REPLACEMENT
Push down on the cover until it clicks into position as shown. Lift the top cover
and remove the filter.
FILTER INSTALLATION
1. Blower body
2. HEPA Filter
3. Foam prefilter
4. Filter screen
5. Cover
Attention: Filter screen and
foam pre-filter protects
increases the life of the
particle filter HFS-2000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com