Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 13 Page - Clarke International

Part # HSF1
Description  MIG/MMA/TIG INVERTER WELDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 13 Page - Clarke International

Back Button HSF1 Datasheet HTML 9Page - Clarke International HSF1 Datasheet HTML 10Page - Clarke International HSF1 Datasheet HTML 11Page - Clarke International HSF1 Datasheet HTML 12Page - Clarke International HSF1 Datasheet HTML 13Page - Clarke International HSF1 Datasheet HTML 14Page - Clarke International HSF1 Datasheet HTML 15Page - Clarke International HSF1 Datasheet HTML 16Page - Clarke International HSF1 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTION
This welder MUST be connected to a 230 Volt, 1 phase 50Hz supply through a
suitably rated isolator switch. Before switching on, make sure the voltage of your
electricity supply is correct. Connecting it to any other power source may cause
damage.
The user should purchase a suitable
connecting cable capable of handling 32
Amps with a supply plug rated at 32A or
better. A length of 2-3 metres is
recommended giving mobility to the
appliance but without becoming a trip hazard.
If the plug has to be changed due to damage a replacement should be fitted following
the wiring instructions shown below.
If the colours of the wires in the power cable of
this product do not correspond with the markings
on the terminals of your plug, proceed as
follows.
• The Blue wire must be connected to the
terminal marked N or Neutral.
• The Brown wire must be connected to
the terminal marked L or Live.
• The Yellow wire must be connected to
the terminal marked E or Earth.
If in any doubt, consult a qualified electrician.
DO NOT attempt any repairs yourself.
WARNING: READ THESE SAFETY INSTRUCTIONS THOROUGHLY
BEFORE CONNECTING THE WELDER TO A POWER SUPPLY. THE
INSTALLATION OF THIS APPLIANCE SHOULD BE CARRIED OUT
BY A COMPETENT ELECTRICIAN AND BE IN ACCORDANCE WITH
CURRENT IEE WIRING REGULATIONS (BS4343).
WARNING: THE WIRES IN THE POWER CABLE OF THIS
PRODUCT ARE COLOURED IN ACCORDANCE WITH THE
FOLLOWING CODE: BLUE = NEUTRAL
BROWN = LIVE
YELLOW =
The plug must be
BS60309 approved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com