Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 2 Page - Clarke International

Part # HSF1
Description  MIG/MMA/TIG INVERTER WELDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 2 Page - Clarke International

  HSF1 Datasheet HTML 1Page - Clarke International HSF1 Datasheet HTML 2Page - Clarke International HSF1 Datasheet HTML 3Page - Clarke International HSF1 Datasheet HTML 4Page - Clarke International HSF1 Datasheet HTML 5Page - Clarke International HSF1 Datasheet HTML 6Page - Clarke International HSF1 Datasheet HTML 7Page - Clarke International HSF1 Datasheet HTML 8Page - Clarke International HSF1 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Welder.
The MIG160-S Multi is a machine that automatically sets the welding parameters
according to the wire type and diameter and the shielding gas. This is achieved by
selecting either the amperage, wire feed speed or plate thickness required with a
single knob.
In practical terms, when using a Synergic controlled MIG welding machine, the welder
selects the wire diameter and shielding gas once for any welding operation and then
only needs to adjust one control for the thickness of the material to be welded.
This makes it really easy to set the machine up and to to adjust power (one control).
Good Welds are easily achieved because the Synergic Program takes all the guess
work out of balancing the power and wire feed speed.
If necessary, the balance between power and wire feed speed can be changed from
the machine’s default.
Before attempting to operate the machine it is essential that you read this manual
thoroughly and carefully follow all instructions given. In doing so you will ensure the
safety of yourself and that of others around you, and you can also look forward to the
welder giving you long and satisfactory service.
PRINCIPLES OF THE MACHINE
The MIG-160-S (for Synergic) Multi, adopts advanced synergic technology.
The 45kHz inverter frequency improves the efficiency and power factor with
significant energy saving. This is an inverter double pulse gas shielded welding
machine which can weld low-carbon steel, low-alloy steel, high-strength steel,
stainless steel and aluminium alloys.
It can carry out all-round spot welding, butt welding, fillet welding and lap welding.
Suitable for solid welding wire and stainless steel welding wire aluminium silicon and
aluminium magnesium welding wire.
The gas is shielded by 100% Ar, 100% CO2, 2%CO2+98%Ar, 20%CO2+80%Ar, etc.
The advantages are high efficiency, energy saving, strong arc penetration and small
welding deformation.
A TIG torch kit is not supplied with the machine but are readily available from your
CLARKE dealer.
A wide selection of accessories and consumables are available from your CLARKE
dealer (see page 37).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com