Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 24 Page - Clarke International

Part # HSF1
Description  MIG/MMA/TIG INVERTER WELDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 24 Page - Clarke International

Back Button HSF1 Datasheet HTML 20Page - Clarke International HSF1 Datasheet HTML 21Page - Clarke International HSF1 Datasheet HTML 22Page - Clarke International HSF1 Datasheet HTML 23Page - Clarke International HSF1 Datasheet HTML 24Page - Clarke International HSF1 Datasheet HTML 25Page - Clarke International HSF1 Datasheet HTML 26Page - Clarke International HSF1 Datasheet HTML 27Page - Clarke International HSF1 Datasheet HTML 28Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
24
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
USING THE WELDER (TIG WELDING)
TIG welding is primarily for very thin materials. It uses a non-consumable tungsten
(or tungsten alloy) electrode held in a torch.
A shielding gas (100% Argon), is fed through the torch to protect:
• The electrode
• Molten weld pool
• Solidifying weld metal from contamination by the atmosphere
The electric arc is produced by the passage of current through the conductive, ionized
shielding gas. The arc is established between the tip of the electrode and the work.
Heat generated by the arc melts the base metal. Once the arc and weld pool are
established, the torch is moved along the joint and the arc progressively melts the
joined surfaces. Filler wire, if used, is usually added to the leading edge of the weld
pool to fill the joint.
This process is ideally suited for welding thin metals such as car body panels,
pressure vessels, heat exchangers, pipes etc., where accuracy and a high quality weld
is desired, as it produces a very low porosity weld.
MAIN FEATURES OF TIG WELDING
1. Electronic control of welding current.
2. Forced air cooling.
3. A thermal overload protection device prevents overheating.
TIG WELDING PROCESS ADVANTAGES
• It produces superior quality welds, generally free of defects.
• It is free of the spatter which occurs with other arc welding processes.
• It can be used with or without filler metal as required.
• It allows excellent control of root pass weld penetration.
• It can produce welds at high speeds.
• It allows precise control of the welding variables.
• It is capable of welding very thin material (0.5mm), without undue distortion.
LIMITATIONS
1. Greater weld dexterity is required.
2. The DC output is not suitable for welding aluminium.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com