Electronic Components Datasheet Search
  English  ▼

X  

M48T02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T02
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 1 Page - STMicroelectronics

  M48T02_03 Datasheet HTML 1Page - STMicroelectronics M48T02_03 Datasheet HTML 2Page - STMicroelectronics M48T02_03 Datasheet HTML 3Page - STMicroelectronics M48T02_03 Datasheet HTML 4Page - STMicroelectronics M48T02_03 Datasheet HTML 5Page - STMicroelectronics M48T02_03 Datasheet HTML 6Page - STMicroelectronics M48T02_03 Datasheet HTML 7Page - STMicroelectronics M48T02_03 Datasheet HTML 8Page - STMicroelectronics M48T02_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
March 2003
Rev. 3.0
M48T02
M48T12
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
FEATURES SUMMARY
s
INTEGRATED, ULTRA LOW POWER SRAM,
REAL TIME CLOCK, and POWER-FAIL
CONTROL CIRCUIT
s
BYTEWIDE™ RAM-LIKE CLOCK ACCESS
s
BCD CODED YEAR, MONTH, DAY, DATE,
HOURS, MINUTES, and SECONDS
s
TYPICAL CLOCK ACCURACY OF ±1 MINUTE
A MONTH, AT 25°C
s
SOFTWARE CONTROLLED CLOCK
CALIBRATION FOR HIGH ACCURACY
APPLICATIONS
s
AUTOMATIC POWER-FAIL CHIP DESELECT
and WRITE PROTECTION
s
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
– M48T02: VCC = 4.75 to 5.5V
4.5V
≤ VPFD ≤ 4.75V
– M48T12: VCC = 4.5 to 5.5V
4.2V
≤ VPFD ≤ 4.5V
s
SELF-CONTAINED BATTERY and CRYSTAL
IN THE CAPHAT™ DIP PACKAGE
s
PIN and FUNCTION COMPATIBLE WITH
JEDEC STANDARD 2K x 8 SRAMs
Figure 1. 24-pin PCDIP, CAPHAT™ Package
24
1
PCDIP24 (PC)
Battery/Crystal
CAPHAT


Similar Part No. - M48T02_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T02 STMICROELECTRONICS-M48T02_07 Datasheet
200Kb / 24P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
21-Sep-2007
More results

Similar Description - M48T02_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
Nov-1998
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M68AF031A STMICROELECTRONICS-M68AF031A Datasheet
383Kb / 22P
256 Kbit (32K x 8) 5.0V Asynchronous SRAM
15-Nov-2004
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M440T513Y STMICROELECTRONICS-M440T513Y Datasheet
425Kb / 26P
5.0V, 16 Mbit (512 Kbit x 32) TIMEKEEPER-R SRAM
Oct-2004
M48T02 STMICROELECTRONICS-M48T02_07 Datasheet
200Kb / 24P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
21-Sep-2007
M48T35_0708 STMICROELECTRONICS-M48T35_0708 Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T58 STMICROELECTRONICS-M48T58_07 Datasheet
259Kb / 31P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
30-Aug-2007
logo
DLG Hanbit co.,Ltd.
HMNR2M8D DLGHANBIT-HMNR2M8D Datasheet
764Kb / 9P
5.0V, 2 Mbit (2,048 Kbit x 8) TIMEKEEPER NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com