Electronic Components Datasheet Search
  English  ▼

X  

M48T02 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T02
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T02_03 Datasheet HTML 6Page - STMicroelectronics M48T02_03 Datasheet HTML 7Page - STMicroelectronics M48T02_03 Datasheet HTML 8Page - STMicroelectronics M48T02_03 Datasheet HTML 9Page - STMicroelectronics M48T02_03 Datasheet HTML 10Page - STMicroelectronics M48T02_03 Datasheet HTML 11Page - STMicroelectronics M48T02_03 Datasheet HTML 12Page - STMicroelectronics M48T02_03 Datasheet HTML 13Page - STMicroelectronics M48T02_03 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
M48T02, M48T12
10/19
Data Retention Mode
With valid VCC applied, the M48T02/12 operates
as a conventional BYTEWIDE™ static RAM.
Should the supply voltage decay, the RAM will au-
tomatically power-fail deselect, write protecting it-
self when VCC falls within the VPFD (max), VPFD
(min) window. All outputs become high imped-
ance, and all inputs are treated as “don't care.”
Note: A power failure during a WRITE cycle may
corrupt data at the currently addressed location,
but does not jeopardize the rest of the RAM's con-
tent. At voltages below VPFD (min), the user can be
assured the memory will be in a write protected
state, provided the VCC fall time is not less than tF.
The M48T02/12 may respond to transient noise
spikes on VCC that reach into the deselect window
during the time the device is sampling VCC. There-
fore, decoupling of the power supply lines is rec-
ommended.
The power switching circuit connects external VCC
to the RAM and disconnects the battery when VCC
rises above VSO. As VCC rises, the battery voltage
is checked. If the voltage is too low, an internal
Battery Not OK (BOK) flag will be set. The BOK
flag can be checked after power up. If the BOK flag
is set, the first WRITE attempted will be blocked.
The flag is automatically cleared after the first
WRITE, and normal RAM operation resumes. Fig-
ure 9 illustrates how a BOK check routine could be
structured.
For more information on a Battery Storage Life re-
fer to the Application Note AN1012.
Figure 9. Checking the BOK Flag Status
READ DATA
AT ANY ADDRESS
AI00607
IS DATA
COMPLEMENT
OF FIRST
READ?
(BATTERY OK)
POWER-UP
YES
NO
WRITE DATA
COMPLEMENT BACK
TO SAME ADDRESS
READ DATA
AT SAME
ADDRESS AGAIN
NOTIFY SYSTEM
OF LOW BATTERY
(DATA MAY BE
CORRUPTED)
WRITE ORIGINAL
DATA BACK TO
SAME ADDRESS
(BATTERY LOW)
CONTINUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com