Electronic Components Datasheet Search
  English  ▼

X  

M48T02 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T02
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 4 Page - STMicroelectronics

  M48T02_03 Datasheet HTML 1Page - STMicroelectronics M48T02_03 Datasheet HTML 2Page - STMicroelectronics M48T02_03 Datasheet HTML 3Page - STMicroelectronics M48T02_03 Datasheet HTML 4Page - STMicroelectronics M48T02_03 Datasheet HTML 5Page - STMicroelectronics M48T02_03 Datasheet HTML 6Page - STMicroelectronics M48T02_03 Datasheet HTML 7Page - STMicroelectronics M48T02_03 Datasheet HTML 8Page - STMicroelectronics M48T02_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
M48T02, M48T12
4/19
Figure 4. Block Diagram
MAXIMUM RATING
Stressing the device above the rating listed in the
“Absolute Maximum Ratings” table may cause
permanent damage to the device. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect de-
vice
reliability.
Refer
also
to
the
STMicroelectronics SURE Program and other rel-
evant quality documents.
Table 2. Absolute Maximum Ratings
Note: 1. Soldering temperature not to exceed 260°C for 10 seconds (total thermal budget not to exceed 150°C for longer than 30 seconds).
CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode.
AI01329
LITHIUM
CELL
OSCILLATOR AND
CLOCK CHAIN
VPFD
VCC
VSS
32,768 Hz
CRYSTAL
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
8 x 8 BiPORT
SRAM ARRAY
2040 x 8
SRAM ARRAY
A0-A10
DQ0-DQ7
E
W
G
POWER
BOK
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature (VCC Off, Oscillator Off)
–40 to 85
°C
TSLD
(2)
Lead Solder Temperature for 10 seconds
260
°C
VIO
Input or Output Voltages
–0.3 to 7
V
VCC
Supply Voltage
–0.3 to 7
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com