Electronic Components Datasheet Search
  English  ▼

X  

M48T02 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T02
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 5 Page - STMicroelectronics

  M48T02_03 Datasheet HTML 1Page - STMicroelectronics M48T02_03 Datasheet HTML 2Page - STMicroelectronics M48T02_03 Datasheet HTML 3Page - STMicroelectronics M48T02_03 Datasheet HTML 4Page - STMicroelectronics M48T02_03 Datasheet HTML 5Page - STMicroelectronics M48T02_03 Datasheet HTML 6Page - STMicroelectronics M48T02_03 Datasheet HTML 7Page - STMicroelectronics M48T02_03 Datasheet HTML 8Page - STMicroelectronics M48T02_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
M48T02, M48T12
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 3. Operating and AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data is no longer driven.
Figure 5. AC Testing Load Circuit
Table 4. Capacitance
Note: 1. Effective capacitance measured with power supply at 5V. Sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs deselected.
Parameter
M48T02
M48T12
Unit
Supply Voltage (VCC)
4.75 to 5.5
4.5 to 5.5
V
Ambient Operating Temperature (TA)
0 to 70
0 to 70
°C
Load Capacitance (CL)
100
100
pF
Input Rise and Fall Times
≤ 5
≤ 5ns
Input Pulse Voltages
0 to 3
0 to 3
V
Input and Output Timing Ref. Voltages
1.5
1.5
V
AI01019
5V
OUT
CL = 100pF
CL includes JIG capacitance
1.8k
Ω
DEVICE
UNDER
TEST
1k
Ω
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
10
pF
CIO
(3)
Input / Output Capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com