Electronic Components Datasheet Search
  English  ▼

X  

RX72N Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 154Page - Renesas Technology Corp RX72N Datasheet HTML 155Page - Renesas Technology Corp RX72N Datasheet HTML 156Page - Renesas Technology Corp RX72N Datasheet HTML 157Page - Renesas Technology Corp RX72N Datasheet HTML 158Page - Renesas Technology Corp RX72N Datasheet HTML 159Page - Renesas Technology Corp RX72N Datasheet HTML 160Page - Renesas Technology Corp RX72N Datasheet HTML 161Page - Renesas Technology Corp RX72N Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 179 page
background image
R01DS0343EJ0120 Rev.1.20
Page 158 of 179
Nov 15, 2023
RX72N Group
2. Electrical Characteristics
2.6
A/D Conversion Characteristics
Note:
The above specification values apply when there is no access to the external bus during A/D conversion. If access proceeds
during A/D conversion, values may not fall within the above ranges.
Note 1. The conversion time includes the sampling time and the comparison time. As the test conditions, the number of sampling states
is indicated.
Note 2. The value in parentheses indicates the sampling time.
Table 2.53
12-Bit A/D (Unit 0) Conversion Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKB = PCLKC = 1 MHz to 60 MHz, Ta = Topr, Source impedance = 1.0 kΩ
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
8
—
12
Bit
Analog input capacitance
—
—
30
pF
Channel-dedi-
cated sample-and-
hold circuits in use
(AN000 to AN002)
Conversion time*1
(Operation at PCLKC = 60 MHz)
1.06
(0.4 + 0.25)
*2
——
µs
 Sampling of channel-
dedicated sample-and-
hold circuits in 24 states
 Sampling in 15 states
Offset error
—
±1.5
±3.5
LSB
AN000 to AN002 = 0.25 V
Full-scale error
—
±1.5
±3.5
LSB
AN000 to AN002 = VREFH0
– 0.25 V
Quantization error
—
±0.5
—
LSB
Absolute accuracy
—
±3.0
±5.5
LSB
DNL differential nonlinearity error
—
±1.0
±2.0
LSB
INL integral nonlinearity error
—
±1.5
±3.0
LSB
Holding characteristics of sample-and-
hold circuits
——
20
µs
Dynamic range
0.25
—
VREFH0
– 0.25
V
Channel-dedi-
cated sample-and-
hold circuits not in
use
(AN000 to AN007)
Conversion time*1
(Operation at PCLKC = 60 MHz)
0.48
(0.267)*2
—
—
µs
Sampling in 16 states
Offset error
—
±1.0
±2.5
LSB
Full-scale error
—
±1.0
±2.5
LSB
Quantization error
—
±0.5
—
LSB
Absolute accuracy
—
±2.5
±4.5
LSB
DNL differential nonlinearity error
—
±0.5
±1.5
LSB
INL integral nonlinearity error
—
±1.0
±2.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com