Electronic Components Datasheet Search
  English  ▼

X  

S5D9 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # S5D9
Description  S5D9 Microcontroller Group
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 35Page - Renesas Technology Corp S5D9 Datasheet HTML 36Page - Renesas Technology Corp S5D9 Datasheet HTML 37Page - Renesas Technology Corp S5D9 Datasheet HTML 38Page - Renesas Technology Corp S5D9 Datasheet HTML 39Page - Renesas Technology Corp S5D9 Datasheet HTML 40Page - Renesas Technology Corp S5D9 Datasheet HTML 41Page - Renesas Technology Corp S5D9 Datasheet HTML 42Page - Renesas Technology Corp S5D9 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
R01DS0303EU0140 Rev.1.40
Page 39 of 115
Oct. 31, 2023
S5D9 Datasheet
2. Electrical Characteristics
Note 1.
FCLK must run at a frequency of at least 4 MHz when programming or erasing the flash memory.
Note 2.
See section 9, Clock Generation Circuit in Userʼs Manual for the relationship between the ICLK, PCLKA, PCLKB, PCLKC,
PCLKD, FCLK, and BCLK frequencies.
Note 3.
When the ADC12 is used, the PCLKC frequency must be at least 1 MHz.
Note 1.
Programming or erasing the flash memory is disabled in low-speed mode.
Note 2.
See section 9, Clock Generation Circuit in Userʼs Manual for the relationship between the ICLK, PCLKA, PCLKB, PCLKC,
PCLKD, FCLK, and BCLK frequencies.
Note 3.
When the ADC12 is used, the PCLKC frequency must be set to at least 1 MHz.
Note 1.
Programming or erasing the flash memory is disable in Subosc-speed mode.
Note 2.
See section 9, Clock Generation Circuit in Userʼs Manual for the relationship between the ICLK, PCLKA, PCLKB, PCLKC,
PCLKD, FCLK, and BCLK frequencies.
Note 3.
The ADC12 cannot be used.
2.3.2
Clock Timing
Table 2.11
Operation frequency value in low-speed mode
Parameter
Symbol
Min
Typ
Max
Unit
Operation frequency
System clock (ICLK)*2
f-
-
1
MHz
Peripheral module clock (PCLKA)*2
--
1
Peripheral module clock (PCLKB)*2
--
1
Peripheral module clock (PCLKC)*2,*3
-*3
-1
Peripheral module clock (PCLKD)*2
--
1
Flash interface clock (FCLK)*1, *2
--
1
External bus clock (BCLK)
-
-
1
EBCLK pin output
-
-
1
Table 2.12
Operation frequency value in Subosc-speed mode
Parameter
Symbol
Min
Typ
Max
Unit
Operation frequency
System clock (ICLK)*2
f
27.8
-
37.7
kHz
Peripheral module clock (PCLKA)*2
-
-
37.7
Peripheral module clock (PCLKB)*2
-
-
37.7
Peripheral module clock (PCLKC)*2,*3
-
-
37.7
Peripheral module clock (PCLKD)*2
-
-
37.7
Flash interface clock (FCLK)*1, *2
27.8
-
37.7
External bus clock (BCLK)*2
-
-
37.7
EBCLK pin output
-
-
37.7
Table 2.13
Clock timing except for sub-clock oscillator (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
EBCLK pin output cycle time
tBcyc
16.6
-
-
ns
Figure 2.7
EBCLK pin output high pulse width
tCH
3.3
-
-
ns
EBCLK pin output low pulse width
tCL
3.3
-
-
ns
EBCLK pin output rise time
tCr
--
5.0
ns
EBCLK pin output fall time
tCf
--
5.0
ns
SDCLK pin output cycle time
tSDcyc
8.33
-
-
ns
SDCLK pin output high pulse width
tCH
1.0
-
-
ns
SDCLK pin output low pulse width
tCL
1.0
-
-
ns
SDCLK pin output rise time
tCr
--
3.0
ns
SDCLK pin output fall time
tCf
--
3.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com