Electronic Components Datasheet Search
  English  ▼

X  

S5D9 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # S5D9
Description  S5D9 Microcontroller Group
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 64Page - Renesas Technology Corp S5D9 Datasheet HTML 65Page - Renesas Technology Corp S5D9 Datasheet HTML 66Page - Renesas Technology Corp S5D9 Datasheet HTML 67Page - Renesas Technology Corp S5D9 Datasheet HTML 68Page - Renesas Technology Corp S5D9 Datasheet HTML 69Page - Renesas Technology Corp S5D9 Datasheet HTML 70Page - Renesas Technology Corp S5D9 Datasheet HTML 71Page - Renesas Technology Corp S5D9 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 115 page
background image
R01DS0303EU0140 Rev.1.40
Page 68 of 115
Oct. 31, 2023
S5D9 Datasheet
2. Electrical Characteristics
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle.
Note 1.
Cb indicates the total capacity of the bus line.
Figure 2.50
SCI simple IIC mode timing
Simple IIC
(Fast mode)
SDA input rise time
tSr
-
300
ns
Figure 2.50
SDA input fall time
tSf
-
300
ns
SDA input spike pulse removal time
tSP
04 × tIICcyc
ns
Data input setup time
tSDAS
100
-
ns
Data input hold time
tSDAH
0-
ns
SCL, SDA capacitive load
Cb*1
-
400
pF
Table 2.24
SCI timing (3) (2 of 2)
Conditions: Middle drive output is selected in the port drive capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
SDAn
SCLn
VIH
VIL
P*1
S*1
tSf
tSr
tSDAH
tSDAS
tSP
P*1
Test conditions:
VIH = VCC × 0.7, VIL = VCC × 0.3
VOL = 0.6 V, IOL = 6 mA
Sr*1
Note 1. S, P, and Sr indicate the following:
S: Start condition
P: Stop condition
Sr: Restart condition
(n = 0 to 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com