Electronic Components Datasheet Search
  English  ▼

X  

S5D9 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # S5D9
Description  S5D9 Microcontroller Group
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 9Page - Renesas Technology Corp S5D9 Datasheet HTML 10Page - Renesas Technology Corp S5D9 Datasheet HTML 11Page - Renesas Technology Corp S5D9 Datasheet HTML 12Page - Renesas Technology Corp S5D9 Datasheet HTML 13Page - Renesas Technology Corp S5D9 Datasheet HTML 14Page - Renesas Technology Corp S5D9 Datasheet HTML 15Page - Renesas Technology Corp S5D9 Datasheet HTML 16Page - Renesas Technology Corp S5D9 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 115 page
background image
R01DS0303EU0140 Rev.1.40
Page 13 of 115
Oct. 31, 2023
S5D9 Datasheet
1. Overview
Note 1.
Some input channels of the ADC units are sharing same port pin.
1.5
Pin Functions
I/O ports
I/O pins
124
101
67
Input pins
9
9
9
Pull-up resistors
125
102
68
N-ch open-drain outputs
124
101
67
5-V tolerance
17
21
14
Table 1.17
Pin functions (1 of 6)
Function
Signal
I/O
Description
Power supply
VCC
Input
Digital voltage supply pin. This is used as the digital power supply for the
respective modules and internal voltage regulator, and used to monitor the
voltage of the POR/LVD. Connect to the system power supply. Connect to
VSS through a 0.1-μF smoothing capacitor close to each VCC pin.
VCL0
-
Connect to VSS through a 0.1-μF smoothing capacitor close to each VCL
pin. Stabilize the internal power supply.
VCL
-
VSS
Input
Ground pin. Connect to the system power supply (0 V).
VBATT
Input
Backup power pin
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be input through the
EXTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal resonator
between XCOUT and XCIN.
XCOUT
Output
EBCLK
Output
Outputs the external bus clock for external devices
SDCLK
Output
Outputs the SDRAM-dedicated clock
CLKOUT
Output
Clock output pin
Operating mode
control
MD
Input
Pin for setting the operating mode. The signal level on this pin must not be
changed during operation mode transition on release from the reset state.
System control
RES
Input
Reset signal input pin. The MCU enters the reset state when this signal goes
low.
CAC
CACREF
Input
Measurement reference clock input pin
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQ0 to IRQ15
Input
Maskable interrupt request pins
KINT
KR00 to KR07
Input
A key interrupt can be generated by inputting a falling edge to the key
interrupt input pins
On-chip emulator
TMS
I/O
On-chip emulator or boundary scan pins
TDI
Input
TCK
Input
TDO
Output
TCLK
Output
This pin outputs the clock for synchronization with the trace data
TDATA0 to TDATA3
Output
Trace data output
SWDIO
I/O
Serial wire debug data input/output pin
SWCLK
Input
Serial wire clock pin
SWO
Output
Serial wire trace output pin
Table 1.16
Functional comparison (Graphics) (2 of 2)
Function
Part numbers
R7FS5D97E2XXXCBG/
R7FS5D97C2XXXCBG/
R7FS5D97E3XXXCBG/
R7FS5D97C3XXXCBG
R7FS5D97E3XXXCFC/
R7FS5D97C3XXXCFC
R7FS5D97E2XXXCLK/
R7FS5D97C2XXXCLK/
R7FS5D97E3XXXCLK/
R7FS5D97C3XXXCLK
R7FS5D97E3XXXCFB/
R7FS5D97C3XXXCFB
R7FS5D97E3XXXCFP/
R7FS5D97C3XXXCFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com