Electronic Components Datasheet Search
  English  ▼

X  

S5D9 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # S5D9
Description  S5D9 Microcontroller Group
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 2 Page - Renesas Technology Corp

  S5D9 Datasheet HTML 1Page - Renesas Technology Corp S5D9 Datasheet HTML 2Page - Renesas Technology Corp S5D9 Datasheet HTML 3Page - Renesas Technology Corp S5D9 Datasheet HTML 4Page - Renesas Technology Corp S5D9 Datasheet HTML 5Page - Renesas Technology Corp S5D9 Datasheet HTML 6Page - Renesas Technology Corp S5D9 Datasheet HTML 7Page - Renesas Technology Corp S5D9 Datasheet HTML 8Page - Renesas Technology Corp S5D9 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
R01DS0303EU0140 Rev.1.40
Page 2 of 115
Oct. 31, 2023
S5D9 Datasheet
1. Overview
1.
Overview
The MCU integrates multiple series of software- and pin-compatible Arm®-based 32-bit cores that share the same set of
Renesas peripherals to facilitate design scalability and efficient platform-based product development.
The MCU in this series incorporates a high-performance Arm Cortex®-M4 core running up to 120 MHz, with the
following features:
 Up to 2-MB code flash memory
 640-KB SRAM
 Graphics LCD Controller (GLCDC)
 2D Drawing Engine (DRW)
 Capacitive Touch Sensing Unit (CTSU)
 Ethernet MAC Controller (ETHERC) with IEEE 1588 PTP, USBFS, USBHS, SD/MMC Host Interface
 Quad Serial Peripheral Interface (QSPI)
 Security and safety features
 Analog peripherals.
1.1
Function Outline
Table 1.1
Arm core
Feature
Functional description
Arm Cortex-M4 core
 Maximum operating frequency: up to 120 MHz
 Arm Cortex-M4 core:
- Revision: r0p1-01rel0
- ARMv7E-M architecture profile
- Single precision floating-point unit compliant with the ANSI/IEEE Std 754-2008.
 Arm Memory Protection Unit (Arm MPU):
- ARMv7 Protected Memory System Architecture
- 8 protect regions.
 SysTick timer:
- Driven by SYSTICCLK (LOCO) or ICLK.
Table 1.2
Memory
Feature
Functional description
Code flash memory
Maximum 2-MB code flash memory. See section 55, Flash Memory in Userʼs Manual.
Data flash memory
64-KB data flash memory. See section 55, Flash Memory in Userʼs Manual.
Memory Mirror Function (MMF)
The Memory Mirror Function (MMF) can be configured to mirror the target application image
load address in code flash memory to the application image link address in the 23-bit unused
memory space (memory mirror space addresses). Your application code is developed and
linked to run from this MMF destination address. The application code does not need to know
the load location where it is stored in code flash memory. See section 5, Memory Mirror
Function (MMF) in User’s Manual.
Option-setting memory
The option-setting memory determines the state of the MCU after a reset. See section 7,
Option-Setting Memory in Userʼs Manual.
SRAM
On-chip high-speed SRAM with either parity-bit or Error Correction Code (ECC). The first
32 KB in SRAM0 provides error correction capability using ECC. Parity check is performed for
other areas. See section 53, SRAM in Userʼs Manual.
Standby SRAM
On-chip SRAM that can retain data in Deep Software Standby mode. See section 54, Standby
SRAM in Userʼs Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com