Electronic Components Datasheet Search
  English  ▼

X  

LM560 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # LM560
Description  WARM WHITE LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LM560 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button LM560 Datasheet HTML 3Page - Seoul Semiconductor LM560 Datasheet HTML 4Page - Seoul Semiconductor LM560 Datasheet HTML 5Page - Seoul Semiconductor LM560 Datasheet HTML 6Page - Seoul Semiconductor LM560 Datasheet HTML 7Page - Seoul Semiconductor LM560 Datasheet HTML 8Page - Seoul Semiconductor LM560 Datasheet HTML 9Page - Seoul Semiconductor LM560 Datasheet HTML 10Page - Seoul Semiconductor LM560 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
-7-
WARM WHITE LAMP LED
LM560
<051209>
Rev. 1.0
Color Ranks
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.36
0.38
0.40
0.42
0.44
0.46
Plankian line
3175K
h
g
f
e
2500K
CIE(x)
Note : Color Coordinates Measurement allowance is ± 0.01
0.4466
0.4294
0.4160
0.4310
y
0.4970
0.4864
0.4323
0.4390
x
Rank e
0.4294
0.4137
0.3993
0.4160
y
0.4864
0.4769
0.4248
0.4323
x
Rank f
0.4137
0.4004
0.3877
0.3993
y
0.4769
0.4689
0.4196
0.4248
x
Rank g
0.4004
0.3838
0.3725
0.3877
y
0.4689
0.4588
0.4129
0.4196
x
Rank h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com