Electronic Components Datasheet Search
  English  ▼

X  

LM560 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # LM560
Description  WARM WHITE LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LM560 Datasheet(HTML) 1 Page - Seoul Semiconductor

  LM560 Datasheet HTML 1Page - Seoul Semiconductor LM560 Datasheet HTML 2Page - Seoul Semiconductor LM560 Datasheet HTML 3Page - Seoul Semiconductor LM560 Datasheet HTML 4Page - Seoul Semiconductor LM560 Datasheet HTML 5Page - Seoul Semiconductor LM560 Datasheet HTML 6Page - Seoul Semiconductor LM560 Datasheet HTML 7Page - Seoul Semiconductor LM560 Datasheet HTML 8Page - Seoul Semiconductor LM560 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
-1-
WARM WHITE LAMP LED
LM560
<051209>
Rev. 1.0
Technical Datasheet
Lamp LEDs are effective in hot thermal
and humid condition. This high brightness
and weather-resistant packaging design
makes these Lamp LEDs ideal for outdoor
applications such as traffic signals, variable
message signs and backlighting for
transparent sign panels
Features
• High luminous white emission
• Non-standoff leads
• 5mm package
• Viewing angle : 60 º
• Color Coordinates : x=0.45 y=0.41
Applications
• Electronic signs and signals
• Specialty lighting
• Small area illumination
• Torches and head lamps
• Interior lighting
• Outdoor displays


Similar Part No. - LM560

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM560A SEOUL-LM560A Datasheet
405Kb / 12P
WARM WHITE LAMP LED
LM560A SEOUL-LM560A Datasheet
493Kb / 15P
WARM WHITE LAMP LED
LM560A SEOUL-LM560A_1 Datasheet
493Kb / 15P
WARM WHITE LAMP LED
LM560Z SEOUL-LM560Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LM560

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM560A SEOUL-LM560A Datasheet
405Kb / 12P
WARM WHITE LAMP LED
LM520A SEOUL-LM520A Datasheet
402Kb / 12P
WARM WHITE LAMP LED
logo
NICHIA CORPORATION
NESL064AT NICHIA-NESL064AT Datasheet
521Kb / 15P
WARM WHITE LED
NFSL036CT-H1 NICHIA-NFSL036CT-H1 Datasheet
522Kb / 15P
WARM WHITE LED
NFSL036LT NICHIA-NFSL036LT Datasheet
304Kb / 14P
WARM WHITE LED
NSPL500DS NICHIA-NSPL500DS Datasheet
486Kb / 13P
WARM WHITE LED
NSPL515S NICHIA-NSPL515S Datasheet
333Kb / 15P
WARM WHITE LED
logo
Seoul Semiconductor
LM520A SEOUL-LM520A_1 Datasheet
625Kb / 15P
WARM WHITE LAMP LED
LM560A SEOUL-LM560A_1 Datasheet
493Kb / 15P
WARM WHITE LAMP LED
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com