Electronic Components Datasheet Search
  English  ▼

X  

LM560 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # LM560
Description  WARM WHITE LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LM560 Datasheet(HTML) 5 Page - Seoul Semiconductor

  LM560 Datasheet HTML 1Page - Seoul Semiconductor LM560 Datasheet HTML 2Page - Seoul Semiconductor LM560 Datasheet HTML 3Page - Seoul Semiconductor LM560 Datasheet HTML 4Page - Seoul Semiconductor LM560 Datasheet HTML 5Page - Seoul Semiconductor LM560 Datasheet HTML 6Page - Seoul Semiconductor LM560 Datasheet HTML 7Page - Seoul Semiconductor LM560 Datasheet HTML 8Page - Seoul Semiconductor LM560 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
-5-
WARM WHITE LAMP LED
LM560
<051209>
Rev. 1.0
Characteristic Diagrams
0
2040
6080
100
0
1
2
3
4
Forward Current [mA]
Ta= 25ºC
2.4
2.8
3.2
3.6
4.0
4.4
1
10
100
Forward Voltage [V]
Ta= 25ºC
Forward Voltage vs. Forward Current
Forward Current vs. Relative Intensity
-40
-20
0
20
40
60
80
100
0
10
20
30
40
Ambient Temperature Ta[
oC]
Ta= 25ºC
0.43
0.44
0.45
0.46
0.47
0.39
0.40
0.41
0.42
0.43
1mA
5mA
10mA
20mA
30mA
50mA
100mA
x
Ta= 25ºC
Ambient Temperature vs. Forward Current
Forward Current vs. Chromaticity Coordinate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com