Electronic Components Datasheet Search
  English  ▼

X  

LM560 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # LM560
Description  WARM WHITE LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LM560 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button LM560 Datasheet HTML 4Page - Seoul Semiconductor LM560 Datasheet HTML 5Page - Seoul Semiconductor LM560 Datasheet HTML 6Page - Seoul Semiconductor LM560 Datasheet HTML 7Page - Seoul Semiconductor LM560 Datasheet HTML 8Page - Seoul Semiconductor LM560 Datasheet HTML 9Page - Seoul Semiconductor LM560 Datasheet HTML 10Page - Seoul Semiconductor LM560 Datasheet HTML 11Page - Seoul Semiconductor LM560 Datasheet HTML 12Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
-8-
WARM WHITE LAMP LED
LM560
<051209>
Rev. 1.0
Bin Code Description
4
f
O
Forward Voltage
CIE
Luminous
Intensity
Bin Code
e
f
g
h
Color Rank
@ I
F = 20mA
2.8
2.6
1
3.0
2.8
2
3.2
3.0
3
3.4
3.2
4
3.6
3.4
5
3.8
3.6
6
Max.
Min.
Bin
Code
Forward Voltage (V)
@ I
F = 20mA
4400
3200
Q
1650
1200
N
3200
2300
P
2300
1650
O
Max.
Min.
Bin
Code
Luminous Intensity (mcd)
@ I
F = 20mA
Not yet available ranks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com