Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3477
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3477 Datasheet HTML 5Page - Linear Technology LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology LT3477 Datasheet HTML 10Page - Linear Technology LT3477 Datasheet HTML 11Page - Linear Technology LT3477 Datasheet HTML 12Page - Linear Technology LT3477 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC3783
3783f
OPERATIO
Main Control Loop
The LTC3783 is a constant frequency, current mode
controller for PWM LED as well as DC/DC boost, SEPIC
and flyback converter applications. In constant current
LED applications, the LTC3783 provides an especially
wide PWM dimming range due to its unique switching
scheme, which allows PWM pulse widths as short as
several converter switching periods.
For voltage feedback circuit operation (defined by VFBP ≤
1.23V), please refer to the Block Diagram of the IC and the
Typical Application on the first page of this data sheet. In
normal operation with PWMIN high, the power MOSFET is
turned on (GATE goes high) when the oscillator sets the
PWM latch, and is turned off when the ITRIP current
comparator resets the latch. Based on the error voltage
represented by (VFBP – VFBN), the error amplifier output
signal at the ITH pin sets the ITRIP current comparator
input threshold. When the load current increases, a fall in
the FBN voltage relative to the reference voltage at FBP
causes the ITH pin to rise, causing the ITRIP current com-
parator to trip at a higher peak inductor current value. The
average inductor current will therefore rise until it equals
the load current, thereby maintaining output regulation.
When PWMIN goes low, PWMOUT goes low, the ITH
switch opens and GATE switching is disabled. Lowering
PWMOUT and disabling GATE causes the output capacitor
COUT to hold the output voltage constant in the absence of
load current. Opening the ITH switch stores the correct
load current value on the ITH capacitor CITH. As a result,
when PWMIN goes high again, both ITH and VOUT are
instantly at the appropriate levels.
In voltage feedback operation, an overvoltage compara-
tor, OV, senses when the OV/FB pin exceeds the reference
voltage by 7% and provides a reset pulse to the main RS
latch. Because this RS latch is reset-dominant, the power
MOSFET is actively held off for the duration of an output
overvoltage condition.
For constant current/constant voltage regulation opera-
tion (defined by VFBP > 2.5V), please refer to the Block
Diagram of the IC and Figure 11. Loop operation is similar
to the voltage feedback, except FBP and FBN now sense
the voltage across sense resistor RL in series with the load.
The ITH pin now represents the error from the desired
differential set voltage, from 10mV to 100mV, for ILIM
values of 0.123V to 1.23V. That is, with VILIM = 1.23V, the
loop will regulate such that VFBP – VFBN = 100mV; lower
values of ILIM attenuate the difference proportionally.
PWMIN is still functional as above, but will only work
properly if load current can be disconnected by the
PWMOUT signal.
In constant current/constant voltage operation, the OV/FB
pin becomes a voltage feedback pin, which causes the
loop to regulate such that VOV/FB = 1.23V, provided the
above current-sense voltage is not reached. In this way,
the loop regulates either voltage or current, whichever
parameter hits its preset limit first.
The nominal operating frequency of the LTC3783 is pro-
grammed using a resistor from the FREQ pin to ground
and can be controlled over a 20kHz to 1MHz range. In
addition, the internal oscillator can be synchronized to an
external clock applied to the SYNC pin and can be locked
to a frequency between 100% and 130% of its nominal
value. When the SYNC pin is left open, it is pulled low by
an internal 100k resistor. With no load, or an extremely
light one, the controller will skip pulses in order to main-
tain regulation and prevent excessive output ripple.
The RUN pin controls whether the IC is enabled or is in a
low current shutdown state. A micropower 1.248V refer-
ence and RUN comparator allow the user to program the
supply voltage at which the IC turns on and off (the RUN
comparator has 100mV of hysteresis for noise immunity).
With the RUN pin below 1.248V, the chip is off and the
input supply current is typically only 20
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com