Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3477
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3477 Datasheet HTML 16Page - Linear Technology LT3477 Datasheet HTML 17Page - Linear Technology LT3477 Datasheet HTML 18Page - Linear Technology LT3477 Datasheet HTML 19Page - Linear Technology LT3477 Datasheet HTML 20Page - Linear Technology LT3477 Datasheet HTML 21Page - Linear Technology LT3477 Datasheet HTML 22Page - Linear Technology LT3477 Datasheet HTML 23Page - Linear Technology LT3477 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC3783
3783f
©LINEAR TECHNOLOGY CORPORATION 2005
LT 1105 • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1618
Monolithic 1.4MHz Boost Regulator
Constant-Current/Constant-Voltage, 1A Switch
LTC1871
Boost, Flyback, SEPIC Controller
No RSENSE, 2.5V ≤ VIN ≤ 36V, 92% Duty Cycle
LT3477
3A DC/DC LED Driver with Rail-to-Rail Current Sense
2.5V
≤ VIN ≤ 25V: Buck, Buck-Boost and Boost Topologies
LTC3780
High Power Buck-Boost Controller
4-Switch, 4V
≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 30V
LTC3782
2-Phase Boost Controller
High Power, 6V
≤ VIN ≤ 40V, 150kHz to 500kHz
LTC3827/LTC3827-1 Low IQ Current Dual Controllers
2-Phase, 80
µA IQ, 0.8V ≤ VOUT ≤ 10V, 4V ≤ VIN ≤ 36V
LTC4002
Standalone 2A Li-Ion Battery Charger
1- and 2-Cell, 4.7V
≤ VIN ≤ 22V, 3 Hour Timer
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com