Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3477
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology LT3477 Datasheet HTML 10Page - Linear Technology LT3477 Datasheet HTML 11Page - Linear Technology LT3477 Datasheet HTML 12Page - Linear Technology LT3477 Datasheet HTML 13Page - Linear Technology LT3477 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC3783
3783f
The SS pin provides a soft-start current to charge an
external capacitor. Enabled by RUN, the soft-start current
is 50
µA, which creates a positive voltage ramp on VSS to
which the internal ITH is limited, avoiding high peak
currents on start-up. Once VSS reaches 1.23V, the full ITH
range is established.
The LTC3783 can be used either by sensing the voltage
drop across the power MOSFET or by connecting the
SENSE pin to a conventional shunt resistor in the source
of the power MOSFET, as shown in the Typical Application
on the first page of this data sheet. Sensing the voltage
across the power MOSFET maximizes converter efficiency
and minimizes the component count, but limits the output
voltage to the maximum rating for this pin (36V). By
connecting the SENSE pin to a resistor in the source of the
power MOSFET, the user is able to program output volt-
ages significantly greater than 36V, limited only by other
components’ breakdown voltages.
Externally Synchronized Operation
When an external clock signal drives the SYNC pin at a rate
faster than the chip’s internal oscillator, the oscillator will
synchronize to it. When the oscillator’s internal logic
circuitry detects a synchronizing signal on the SYNC pin,
the internal oscillator ramp is terminated early and the
slope compensation is increased by approximately 25%.
As a result, in applications requiring synchronization, it is
recommended that the nominal operating frequency of the
IC be programmed to be about 80% of the external clock
frequency. Attempting to synchronize to too high an
external frequency (above 1.3fOSC) can result in inad-
equate slope compensation and possible subharmonic
oscillation (or jitter).
The external clock signal must exceed 2V for at least 25ns,
and should have a maximum duty cycle of 80%, as shown
in Figure 1. The MOSFET turn-on will synchronize to the
rising edge of the external clock signal.
Programming the Operating Frequency
The choice of operating frequency and inductor value is a
tradeoff between efficiency and component size. Low
frequency operation improves efficiency by reducing
MOSFET and diode switching losses. However, lower
frequency operation requires more inductance for a given
amount of load current.
The LTC3783 uses a constant frequency architecture that
can be programmed over a 20kHz to 1MHz range with a
single external resistor from the FREQ pin to ground, as
shown in the application on the first page of this data
sheet. The nominal voltage on the FREQ pin is 0.615V, and
the current that flows out of the FREQ pin is used to charge
and discharge an internal oscillator capacitor. The oscil-
lator frequency is trimmed to 300kHz with RT = 20k. A
graph for selecting the value of RT for a given operating
frequency is shown in Figure 2.
OPERATIO
3783 F01
2V TO 7V
MODE/
SYNC
GATE
IL
tMIN = 25ns
0.8T
D = 40%
T
T = 1/fO
Figure 1. MODE/SYNC Clock Input and Switching Waveforms
for Synchronized Operation
Figure 2. Timing Resistor (RT) Value
FREQUENCY (kHz)
10
100
1
100
1000
10000
3783 G09
1
10
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com