Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3477
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3477 Datasheet HTML 2Page - Linear Technology LT3477 Datasheet HTML 3Page - Linear Technology LT3477 Datasheet HTML 4Page - Linear Technology LT3477 Datasheet HTML 5Page - Linear Technology LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology LT3477 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC3783
3783f
Frequency vs Temperature
Maximum VSENSE vs Temperature
INTVCC Load Regulation
INTVCC Line Regulation
INTVCC Load Regulation
Over Temperature
INTVCC Line Regulation
vs Temperature
ISS Soft-Start Current
vs Temperature
Gate Rise/Fall Time
vs Capacitance
TEMPERATURE (
°C)
–50
250
260
280
290
300
350
320
0
50
3783 G10
270
330
340
310
100
150
ISENSE vs Temperature
TEMPERATURE (
°C)
–50
152
156
160
3783 G11
148
144
150
154
158
146
142
140
0
50
100
150
TEMPERATURE (
°C)
–50
65
66
68
69
70
75
72
0
50
3783 G12
67
73
74
71
100
150
IINTVCC (mA)
0
6.50
6.55
6.80
6.75
6.70
6.85
6.90
6.95
7.00
0.02 0.04 0.06 0.08
3783 G13
0.10 0.12 0.14 0.16
VIN (V)
0
6.80
6.90
7.00
7.05
40
3783 G14
6.70
6.60
6.75
6.85
6.95
6.65
6.55
10
20
30
50
IINTVCC (mA)
0
5.0
5.4
5.6
5.8
6.0
6.2
6.4
50
100
3783 G15
6.6
6.8
7.0
5.2
150
–50
°C, –25°C, 0°C
50
°C
100
°C
125
°C
25
°C
75
°C
150
°C
VIN (V)
5
6.90
6.95
7.00
7.05
7.10
7.15
7.20
15
10
20
25
35
30
40
3783 G16
150
°C
25
°C
–50
°C
TEMPERATURE (
°C)
–50
47.8
48.0
48.4
48.6
48.8
50.0
49.8
49.2
0
50
3783 G17
48.2
49.4
49.6
49.0
100
150
CAPACITANCE (nF)
0
40
50
60
20
3783 G18
30
20
0
5
10
15
10
80
70
GATE TR
GATE TF
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com