Electronic Components Datasheet Search
  English  ▼

X  

LTC4002 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4002
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 8Page - Linear Technology LTC4002 Datasheet HTML 9Page - Linear Technology LTC4002 Datasheet HTML 10Page - Linear Technology LTC4002 Datasheet HTML 11Page - Linear Technology LTC4002 Datasheet HTML 12Page - Linear Technology LTC4002 Datasheet HTML 13Page - Linear Technology LTC4002 Datasheet HTML 14Page - Linear Technology LTC4002 Datasheet HTML 15Page - Linear Technology LTC4002 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC3783
3783f
maximum total gate charge of 35nC (the temperature
coefficient of the gate charge is low).
IQ(TOT) = 1.2mA + 35nC • 300kHz = 12mA
PIC = 12V • 12mA = 144mW
TJ = 70°C + 110°C/W • 144mW = 86°C
This demonstrates how significant the gate charge current
can be when compared to the static quiescent current in
the IC.
To prevent the maximum junction temperature from being
exceeded, the input supply current must be checked when
operating in a continuous mode at high VIN. A tradeoff
between the operating frequency and the size of the power
MOSFET may need to be made in order to maintain a
reliable IC junction temperature. Prior to lowering the
operating frequency, however, be sure to check with the
power MOSFET manufacturers for the latest low QG, low
RDS(ON) devices. Power MOSFET manufacturing tech-
nologies are continually improving, with newer and better-
performing devices being introduced almost monthly.
Output Voltage Programming
In constant voltage mode, in order to regulate the output
voltage, the output voltage is set by a resistor divider
according to the following formula:
VV
R
R
OUT
FBP
=+
⎛
⎝⎜
⎞
⎠⎟
•1
2
1
where 0
≤ VFBP ≤ 1.23V. The external resistor divider is
connected to the output as shown in Figure 4, allowing
remote voltage sensing. The resistors R1 and R2 are
typically chosen so that the error caused by the 500nA
input bias current flowing out of the FBN pin during
normal operation is less than 1%, which translates to a
maximum R1 value of about 25k at VFBP = 1.23V. For
lower FBP voltages, R1 must be reduced accordingly to
maintain accuracy, e.g., R1 < 2k for 1% accuracy when
VFBP = 100mV. More accuracy can be achieved with lower
resistances, at the expense of increased dissipation and
decreased light load efficiency.
A similar analysis applies to the VFBP resistive divider, if
one is used:
VV
R
RR
FBP
REF
=
+
•
3
34
where R3 is subject to a similar 500nA bias current.
OPERATIO
LTC3783
R4
R3
RUN
PWMIN
ITH
SS
VREF
FBP
FBN
FREQ
SYNC
VIN
OV/FB
PWMOUT
ILIM
GATE
SENSE
INTVCC
GND
VIN
3V TO 36V
GND
VOUT
R2
R1
3783 F04
Figure 4. LTC3783 Boost Application
Programming Turn-On and Turn-Off Thresholds
with the RUN Pin
The LTC3783 contains an independent, micropower volt-
age reference and comparator detection circuit that re-
mains active even when the device is shut down, as shown
in Figure 5. This allows users to accurately program an
input voltage at which the converter will turn on and off.
The falling threshold on the RUN pin is equal to the internal
reference voltage of 1.248V. The comparator has 100mV
of hysteresis to increase noise immunity.
The turn-on and turn-off input voltage thresholds are
programed using a resistor divider according to the fol-
lowing formulas:
VV
R
R
VV
R
R
IN OFF
IN ON
()
()
.•
.•
=+
⎛
⎝⎜
⎞
⎠⎟
=+
⎛
⎝⎜
⎞
⎠⎟
1 248
1
2
1
1 348
1
2
1
The resistor R1 is typically chosen to be less than 1M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com