Electronic Components Datasheet Search
  English  ▼

X  

LTC4002 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4002
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 12Page - Linear Technology LTC4002 Datasheet HTML 13Page - Linear Technology LTC4002 Datasheet HTML 14Page - Linear Technology LTC4002 Datasheet HTML 15Page - Linear Technology LTC4002 Datasheet HTML 16Page - Linear Technology LTC4002 Datasheet HTML 17Page - Linear Technology LTC4002 Datasheet HTML 18Page - Linear Technology LTC4002 Datasheet HTML 19Page - Linear Technology LTC4002 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC3783
3783f
During the switch on-time, the IMAX comparator limits the
absolute maximum voltage drop across the power
MOSFET to a nominal 150mV, regardless of duty cycle.
The peak inductor current is therefore limited to
150mV/RDS(ON). The relationship between the maximum
load current, duty cycle, and the RDS(ON) of the power
MOSFET is:
RmV
D
I
DS ON
MAX
OUT MAX
T
()
()
•
–
••
<
+
⎛
⎝⎜
⎞
⎠⎟
150
1
1
2
χ
ρ
The
ρTtermaccountsforthetemperaturecoefficientofthe
RDS(ON) of the MOSFET, which is typically 0.4%/°C. Fig-
ure 8 illustrates the variation of normalized RDS(ON) over
temperature for a typical power MOSFET.
Another method of choosing which power MOSFET to use
is to check what the maximum output current is for a given
RDS(ON), since MOSFET on-resistances are available in
discrete values.
ImV
D
R
OMAX
MAX
DS ON
T
()
()
•
–
••
=
+
⎛
⎝⎜
⎞
⎠⎟
150
1
1
2
χ
ρ
It is worth noting that the 1 - DMAX relationship between
IO(MAX) and RDS(ON) can cause boost converters with a
wide input range to experience a dramatic range of maxi-
mum input and output currents. This should be taken into
consideration in applications where it is important to limit
the maximum current drawn from the input supply, and
also to avoid triggering the 150mV IMAX comparator, as
this condition can result in excessive noise.
Calculating Power MOSFET Switching and Conduction
Losses and Junction Temperatures
In order to calculate the junction temperature of the power
MOSFET, the power dissipated by the device must be
known. This power dissipation is a function of the duty
cycle, the load current, and the junction temperature itself
(due to the positive temperature coefficient of its RDS(ON)).
As a result, some iterative calculation is normally required
to determine a reasonably accurate value. Since the con-
troller is using the MOSFET as both a switching and a
sensing element, care should be taken to ensure that the
converter is capable of delivering the required load current
over all operating conditions (line voltage and tempera-
ture), and for the worst-case specifications for VSENSE(MAX)
and the RDS(ON) of the MOSFET listed in the manufacturer’s
data sheet.
The power dissipated by the MOSFET in a boost converter
is:
P
I
D
RD
kV
I
D
Cf
FET
OUT MAX
MAX
DS ON
MAX
T
OUT
OUT MAX
MAX
RSS
=
⎛
⎝⎜
⎞
⎠⎟
+
⎛
⎝⎜
⎞
⎠⎟
()
()
.
()
–
••
•
••
–
••
1
1
2
185
ρ
The first term in the equation above represents the I2R
losses in the device, and the second term, the switching
losses. The constant k = 1.7 is an empirical factor inversely
related to the gate drive current and has the dimension of
1/current.
From a known power dissipated in the power MOSFET, its
junction temperature can be obtained using the following
formula:
TJ = TA + PFET • θJA
The
θJA to be used in this equation normally includes the
θJC for the device plus the thermal resistance from the
case to the ambient temperature (
θCA).ThisvalueofTJcan
then be compared to the original, assumed value used in
the iterative calculation process.
OPERATIO
JUNCTION TEMPERATURE (
°C)
–50
1.0
1.5
150
3783 F08
0.5
0
0
50
100
2.0
Figure 8. Normalized RDS(ON) vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com