Electronic Components Datasheet Search
  English  ▼

X  

LTC4002 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4002
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 13Page - Linear Technology LTC4002 Datasheet HTML 14Page - Linear Technology LTC4002 Datasheet HTML 15Page - Linear Technology LTC4002 Datasheet HTML 16Page - Linear Technology LTC4002 Datasheet HTML 17Page - Linear Technology LTC4002 Datasheet HTML 18Page - Linear Technology LTC4002 Datasheet HTML 19Page - Linear Technology LTC4002 Datasheet HTML 20Page - Linear Technology LTC4002 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC3783
3783f
Boost Converter: Output Diode Selection
To maximize efficiency, a fast switching diode with low
forward drop and low reverse leakage is desired. The
output diode in a boost converter conducts current during
the switch off-time. The peak reverse voltage that the
diode must withstand is equal to the regulator output
voltage. The average forward current in normal operation
is equal to the output current, and the peak current is equal
to the peak inductor current.
II
I
D
D PEAK
L PEAK
OUT MAX
MA
()
()
()
•
–
== +
⎛
⎝⎜
⎞
⎠⎟
1
21
χ
X
X
The power dissipated by the diode is:
PD = IOUT(MAX) • VD
and the diode junction temperature is:
TJ = TA + PD • θJA
The
θJA to be used in this equation normally includes the
θJC for the device plus the thermal resistance from the
board to the ambient temperature in the enclosure.
Remember to keep the diode lead lengths short and to
observe proper switch-node layout (see Board Layout
Checklist) to avoid excessive ringing and increased
dissipation.
Boost Converter: Output Capacitor Selection
Contributions of ESR (equivalent series resistance), ESL
(equivalent series inductance) and the bulk capacitance
must be considered when choosing the correct compo-
nent for a given output ripple voltage. The effects of these
three parameters (ESR, ESL and bulk C) on the output
voltage ripple waveform are illustrated in Figure 9 for a
typical boost converter.
The choice of component(s) begins with the maximum
acceptable ripple voltage (expressed as a percentage of
the output voltage), and how this ripple should be divided
between the ESR step and the charging/discharging
∆V.
For the purpose of simplicity we will choose 2% for the
maximum output ripple, to be divided equally between the
ESR step and the charging/discharging
∆V. This percent-
age ripple will change, depending on the requirements of
the application, and the equations provided below can
easily be modified.
For a 1% contribution to the total ripple voltage, the ESR
of the output capacitor can be determined using the
following equation:
ESR
V
I
where
I
COUT
OUT
IN PEAK
IN PEAK
<
=
001
1
.•
:
()
()
++
⎛
⎝⎜
⎞
⎠⎟
χ
21
•
–
()
I
D
OUT MAX
MAX
For the bulk C component, which also contributes 1% to
the total ripple:
C
I
Vf
OUT
OUT MAX
OUT
>
()
.•
•
001
For many designs it is possible to choose a single capaci-
tor type that satisfies both the ESR and bulk C require-
ments for the design. In certain demanding applications,
however, the ripple voltage can be improved significantly
by connecting two or more types of capacitors in parallel.
For example, using a low ESR ceramic capacitor can
minimize the ESR setup, while an electrolytic capacitor
can be used to supply the required bulk C.
Once the output capacitor ESR and bulk capacitance have
been determined, the overall ripple voltage waveform
should be verified on a dedicated PC board (see Board
OPERATIO
VOUT
(AC)
∆VESR
RINGING DUE TO
TOTAL INDUCTANCE
(BOARD + CAP)
∆VCOUT
3783 F09
Figure 9. Output Ripple Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com