Electronic Components Datasheet Search
  English  ▼

X  

FP-1103 Datasheet(PDF) 6 Page - TOKYO KEISO CO.,LTD.

Part # FP-1103
Description  FLOAT TYPE TANK GAUGES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FP-1103 Datasheet(HTML) 6 Page - TOKYO KEISO CO.,LTD.

Back Button FP-1103 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FT-1000/FP-1000 FLOAT TYPE TANK GAUGES
TG-L2512-E00
6
TOKYO KEISO CO., LTD.
For High-Pressure, Spherical Tanks (FT-1000)
Pipe Sealing type (FP-1000)
Tank top installation
Tank side installation
*1 : Indicator support can be supplied as optional parts on request.
Its standard width is 90 mm.
No
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Part Name
Indicator
Measuring tape
135°guide elbow
90°guide elbow
Float
Tape-wire joint
Measuring wire
Guide wire knob
Guide wire
Bottom piece
Shut-Off valve
Indicator support
Tape protection pipe
Pipe support
Q'ty
1
1
2
1
1
1
1
2
2
2
1
—
—
—
Standard
material
SC480
SUS316
SC480
SC480
SUS304
SCS13
SUS316
STPG370
SUS304
SUS304
SCS13
—
—
—
Optionally available
material
—
SUS316,SUS316L
—
—
SUS304,SUS316
SUS316
SUS316,SUS316L
—
—
—
Remarks
Standard
φ400 mm
φ1.6 mm
stranded
φ3 mm
(7×7stranded)
Customer's
scope *1
SCS13,SCS14,
SCS13A,SCS14A
SCS13,SCS14,
SCS13A,SCS14A
SCS13,SCS14,
SCS13A,SCS14A
SCS14,SCS13A,
SCS14A
Customer's
scope
Customer's
scope
No.
Part Name
Optionally available material
Remarks
*1 : ADC12 (aluminum casting) for screw connection versions.
*2 : Indicator support can be supplied as optional parts on request. Its standard width is 90 mm.
1
Indicator
1
1
ADC12
—
2
90°guide elbow
—
2
FC250 *1
—
3
Guide pipe ass'y
1
1
SUS304
SUS316,SUS316L,PVC
4
Measuring tape
1
1
SUS316
—
5
Following magnet
1
1
—
—
6
Float
1
1
SUS304
SUS316,SUS316L,PVC
Standard φ400 mm
7
Bottom piece
1
1
SUS304
SUS316,SUS316L,PVC
8
Indicator support
—
—
—
—
Customer's scope *2
9
Tape protection pipe
—
—
—
—
Customer's scope
10
Pipe support
—
—
—
—
Customer's scope
Q'ty
Standard
material
(Tank top) (Tank side)
135°
⑨
③
③
④
⑭
⑧
②
⑨
⑤
⑥
⑦
②
⑤
⑩
⑬
⑭
⑫
①
⑩
⑪
(90)
⑧
④
⑤
⑥
⑦
③
②
⑨
⑩
①
①
③
④
⑤
⑥
⑦
(90)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com