Electronic Components Datasheet Search
  English  ▼

X  

FP-1103 Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

Part # FP-1103
Description  FLOAT TYPE TANK GAUGES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FP-1103 Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  FP-1103 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FT-1000/FP-1000 FLOAT TYPE TANK GAUGES
TG-L2512-E00
TOKYO KEISO CO., LTD.
5
For Gas Holder Tanks (FT-1000)
For Tank Top Installation (FT-1000)
*1 : Shape of indicator may differ for cast stainless steel versions.
*2 : ADC12 (aluminum casting ) for screw connection versions
*3 : Indicator support can be supplied as optional parts on request.
Its standard width is 90 mm.
No
1
2
3
4
5
6
7
8
9
10
Part Name
Indicator
90°guide elbow
Wire guide
Measuring tape
Tape-wire join
Measuring wiret
Wire joint
Indicator support
Pipe support
Q'ty
1
2
1
1
1
1
1
—
—
—
Standard
material
ADC12
FC250 *2
SS400/PVC
SUS316
SCS13
SUS316
SUS304
—
—
—
Optionally available
material
SCS13,SCS14 *1
SCS13,SCS14
—
SCS14
—
SUS316
—
—
—
Remarks
Customer's
scope *3
Tape protection
pipe
SUS304/PVC,
SUS316/PVC
Customer's
scope
Customer's
scope
①
⑨
⑩
④
②
③
⑥
⑦
⑧
⑤
⑥
(90)
φ400
440
5
6
4
3
7
1
2
No
Part Name
Q'ty Standard
material
Optionally available
material
Remarks
1
Indicator
1
ADC12
SCS13, SCS14*1
2
Guide wire knob
2
FC250/
SUS304
SUS304/SUS304,
SUS316/SUS316
3
Guide wire
2
SUS304
SUS316, FEP Covered
∅3mm
(7×7 stranded)
4
Measuring tape
1
SUS316
—
5
Float
1
SUS304
SUS316, SUS316L, PVC Standard
∅400mm
6
Bottom piece
2
SUS304
SUS316, SUS316L
7
Pipes
—
—
Customer's
scope
*1 : Shape of indicator may differ for cast stainless steel versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com